PART |
Description |
Maker |
4302.5001 4302.5002 4302.5003 4302.5004 4302.5005 |
IEC Appliance Inlet C14 with Filter, Line Switch 1-pole Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Non-illuminated; qualified for use in equipment according To IEC/EN 60953 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
Schurter Inc. SCHURTER AG
|
6110-4 6110.4330 6110.4120 6110.4230 |
IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Solder 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
Schurter Inc. SCHURTER AG
|
EC12 EC12.1101.002 EC12.1101.001 E.12.1201.001 E.1 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 16A; Terminal Type: Quick Connect Tabs; Appliance inlet with line switch; 2-pole and line filter; EMC-shield IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
|
Schurter Inc.
|
HGN-341-6M-F1-150 HGN-341-1M-F1-150 HGN-341-2M-F1- |
IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
PowerDynamics, Inc POWER DYNAMICS INC
|
5220.0623.3 5220.0843.1 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder; 2-pole 6A, 250/125VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating : 8A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder; 2-pole 8A, 250/125VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
GRF2.0215.11 GRF2.0212.11 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 15A; Terminal Type: Quick Connect Solder Tabs; "Lock and shield" snap-in design; Appliance inlet; ECM-shield 10/15A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 15A; Terminal Type: Quick Connect Solder Tabs; "Lock and shield" snap-in design; Appliance inlet; line filter; ECM-shield
|
SCHURTER AG SCHURTER INC
|
6100.4230 |
IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
KMF1.1123.11 KMF1.1113.11 KMF1.1213.11 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 2A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder for fuses 5x20mm; line switch and line filter 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 1A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder for fuses 5x20mm; line switch and line filter 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
1SV216 |
VARIABLE CAPACITANCE DIODE (TV VHF UHF TUNER AFC) INLET, IEC, SWITCHED, RED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug; Series:POLYSNAP; Mounting type:Panel; Approval Bodies:UL, CSA, VDE, SEMKO, RoHS Compliant: Yes
|
http:// Toshiba Semiconductor Toshiba Corporation
|
KG165101151 KG10.6101.151 KG10.6101.107 KG10.6101. |
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
|
Schurter Inc.
|
5091 CDE4.1101.151 CDE4.4101.151.21 CD44.4101.151 |
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step) IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
|
Schurter Inc.
|
|