PART |
Description |
Maker |
CGO502M055L CGO273M020L CGO273M7R5L CGO103M016L CG |
Ultra Low ESR Screw Terminal Aluminum Electrolytic Extremely Low ESR, Low Voltage, Screw Terminal Capacitors
|
Cornell Dubilier Electronics
|
3191ED223M035BPA1 3191BD822M035BPA1 |
Screw Terminal Capacitors for Power Output Filtering
|
Cornell Dubilier Electr...
|
MEK122M2V-B075 |
ALUMINUM ELECTROLYTIC CAPACITORS MEK Series: Large Can Size, Screw Terminal
|
RFE international
|
3199GH824M7P5APA1 3199GF564M010APA1 3199BD683M010A |
Screw Terminal Capacitors for Power Output Filtering Screw Terminal Capacitors for Power Output Filtering
|
Cornell Dubilier Electr...
|
0183-H-ABC0-D-E 0183 |
IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
0163 |
IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
1621-H-ABC0-D-E 1621 |
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
6065-H-ABC0-D-E |
IEC Appliance Inlet C18, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
|
Schurter Inc.
|
6048-H-ABC0-D-E |
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
25.352.4353.0 25.350.4153.0 99.213.9996.2 25.352.3 |
Terminal Block; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Strip; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes PCB PIN STRIP 8213 S / 12 W OB GR OF RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
B44030J0064B000 B44030J0075B000 B44030A0175B000 B4 |
Aluminum electrolytic capacitors Capacitors with screw terminals
|
EPCOS
|