PART |
Description |
Maker |
IS61LPD51218T/D IS61LPD25632T/D IS61SPD25632T/D IS |
256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM 256K × 3256K × 3612K采样× 18 SYNCHRONOU?管道,双循环取消选择静态RAM 256K X 36 CACHE SRAM, 3.5 ns, PQFP100 TQFP-100 256K x 32/ 256K x 36/ 512K x 18 SYNCHRONOUS PIPELINE/ DOUBLE-CYCLE DESELECT STATIC RAM
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution Inc
|
IS61NLP51218 IS61NP51218 |
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
|
Integrated Silicon Solu...
|
IS61SPS51218T-133TQI IS61SPS51218T-150TQ IS61SPS51 |
512K X 18 CACHE SRAM, 3.8 ns, PBGA119 512K x 18 synchronous pipeline, single-cycle deselect static RAM 256K x 32 synchronous pipeline, single-cycle deselect static RAM 256K x 36 synchronous pipeline, single-cycle deselect static RAM 256K X 36 CACHE SRAM, 4 ns, PQFP100 512K X 18 CACHE SRAM, 4 ns, PQFP100
|
Integrated Silicon Solution Inc
|
IS61NLP51236 IS61NVP25672-200B1 |
256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
|
Integrated Silicon Solu...
|
EUA6210 EUA6210MIR1 |
128K x 36, 3.3V, Sync Burst Pipeline Output Capacitor-less 67mW Stereo Headphone Amplifier 128K x 32, 3.3V, Sync Burst Pipeline
|
寰蜂俊绉???′唤?????? Eutech Microelectronics Inc 德信科技股份有限公司
|
MBM29LV400T MBM29LV400B |
CMOS 4M (512K ×8/256K×16) Falsh Memory(512K ×8/256K×16V 电源电压闪速存储器) 的CMOS 4分(12k × 8/256K × 16Falsh存储器(12k × 8/256K × 16位单5V的电源电压闪速存储器
|
Fujitsu Limited Fujitsu, Ltd.
|
AS7C33512PFS16A |
3.3V 512K x 16/18 pipeline burst synchronous SRAM 3.3V 512K×16 Pipeline Burst Synchronous SRAM(3.3V 512K×16流水线脉冲同步静态RAM) 3.312k × 16管道爆裂同步SRAM的电压(3.3V12k × 16流水线脉冲同步静态内存)
|
Alliance Semiconductor, Corp.
|
TDC1011B2A TDC1011B2C TDC1011C3C TDC1011B7C TDC101 |
8-BIT, DSP-PIPELINE REGISTER, CDIP24 8-BIT, DSP-PIPELINE REGISTER, CQCC28
|
TRW INC
|
M27C4002-15J1 M27C4002-80XJ6TR M27C4002-80XJ1X M27 |
256K X 16 UVPROM, 150 ns, CQCC44 256K X 16 UVPROM, 80 ns, CQCC44 256K X 16 UVPROM, 70 ns, CDIP40 256K X 16 OTPROM, 120 ns, PDIP40 256K X 16 OTPROM, 120 ns, PQCC44 256K X 16 OTPROM, 200 ns, PQCC44 256K X 16 UVPROM, 60 ns, CQCC44
|
STMICROELECTRONICS
|
IDT71T75602 IDT71T75802S100PFI8 IDT71T75802S100PF8 |
2.5V 1M X 18 ZBT Synchronous 2.5V I/O PipeLine SRAM *NEW* 2.5V 512K X 36 ZBT Synchronous 2.5V I/O Pipeline SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT? SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
|
IDT
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|