PART |
Description |
Maker |
0275020.MRT1L 0275030.MRT1L 0275030.MXL 0275030.VX |
275 Series, PICO , Very Fast-Acting Fuse VERY FAST BLOW ELECTRIC FUSE, 30A, 32VAC, 32VDC, 100A (IR), THROUGH HOLE
|
Littelfuse
|
047202.5NAT1L 047202.5NRT1L 047201.5NAT1L 047202.5 |
Axial Lead & Cartridge Fuses PICO? ll > Time-Lag > 472 Series Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series PICO II, Time-Lag Fuse
|
Littelfuse
|
30C01SS |
Pico-TR Series
|
SANYO
|
50C02SS |
Pico-TR Series
|
SANYO
|
30A01S |
Pico-TR Series
|
SANYO
|
80GN01C |
Pico-GET Series
|
SANYO
|
15GN01F |
Pico-GET Series
|
SANYO
|
15GN03C |
Pico-GET Series
|
SANYO
|
25503.5 255.062 255.250 255.375 255.500 255.750 25 |
PICO II Fast-Acting Type 匹克II快速代理型 PICO II Fast-Acting Type
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
R459002 R459.375 R459.250 R459001 R459003 R459004 |
FUSE SMD 62MA VERY FAST 保险丝贴2MA特快 FUSE SMD 3A VERY FAST 贴片保险A条特快 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 保险丝贴A条特快 FUSE SMD 1.5A VERY FAST FUSE SMD 2.5A VERY FAST FUSE SMD 500MA VERY FAST SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits PICO SMF Very Fast-Acting Type Fuse 459 Series
|
TE Connectivity, Ltd. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|