PART |
Description |
Maker |
ES-2117R-LEA-05E ES-2217C-VEA-SRE ES-2117G-VEAE ES |
17 Open Frame and Rugged Panel Mount Monitor
|
Advantech Co., Ltd.
|
39-01-2141 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-2, Panel Mount, 14 Circuits
|
Molex Electronics Ltd.
|
5559-08P-210 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-0, Panel Mount, 8 Circuits
|
Molex Electronics Ltd.
|
R573002345 R573002340 R573502410 R574183980 R57308 |
RF COAXIAL RELAY, SP3T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP9T, LATCHED, 0.5A (COIL), 28VDC (COIL), 14000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.28A (COIL), 12VDC (COIL), 15360mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.375A (COIL), 28VDC (COIL), 10500mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP11T, LATCHED, 1.375A (COIL), 28VDC (COIL), 38500mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP10T, LATCHED, 3.2A (COIL), 12VDC (COIL), 38400mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.5A (COIL), 28VDC (COIL), 42000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.102A (COIL), 28VDC (COIL), 2856mW (COIL), 3000MHz, PANEL MOUNT
|
Radiall S.A. RADIALL S A
|
KL3660-106-1S KL3636-106-1S KL3630-602-1S KL3630-3 |
KEYLOCK SWITCH, SP6T, LATCHED, PANEL MOUNT KEYLOCK SWITCH, 6PDT, LATCHED, PANEL MOUNT KEYLOCK SWITCH, 3PDT, LATCHED, PANEL MOUNT KEYLOCK SWITCH, SPDT, LATCHED, PANEL MOUNT KEYLOCK SWITCH, 4PDT, LATCHED, PANEL MOUNT
|
COLE INSTRUMENT CORP
|
KWDCTAAD KWDCTAAB KWDCTAAM KWDCTAAG KWDCTAAQ KWDCT |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 11.84mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 8mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.48mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.93mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.03mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.42mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 5.03mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
KUEP-11AT7-120 KUM-4A18-240 KUM-2A18-24 KUM-12D56- |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 2700mW (COIL), 3A (CONTACT), 150VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 2700mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.238A (COIL), 5VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.187A (COIL), 6VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.051A (COIL), 24VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.011A (COIL), 110VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.051A (COIL), 24VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.051A (COIL), 24VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.238A (COIL), 5VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 2700mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.027A (COIL), 48VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 2000mW (COIL), 10A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.238A (COIL), 5VDC (COIL), 1200mW (COIL), 10A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.016A (COIL), 110VDC (COIL), 1800mW (COIL), 3A (CONTACT), 150VDC (CONTACT), PANEL MOUNT
|
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
OL3450L-A-SFMUJ-S2 OL4451L-B-AFMUJ-S1 OL5451L-B-AF |
FIBER OPTIC LASER DIODE MODULE EMITTER, 1300-1320nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1480-1500nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1510-1530nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1620-1640nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR
|
LAPIS SEMICONDUCTOR CO LTD
|
FDK190-830 |
Front panel open frame design
|
Axiomtek Co., Ltd.
|
|