PART |
Description |
Maker |
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
AK5392 AK5392-VS AKD5392 |
24-bit 48K 116dB professional ADC Enhanced Dual Bit 24Bit ADC ENHANCED DUAL BIT 24BIT ADC
|
AKM[Asahi Kasei Microsystems]
|
Z8S18033VEC Z8S18006VEC Z8S18020VEC Z8S18010PEC Z8 |
ENHANCED Z180 MICROPROCESSOR CONN HDR INVERSE 30POS 5ROW R/A ENHANCED Z180 MICROPROCESSOR 强化Z180微处理器 CONN POWER HEADER 4ROW 8POS P-F 8-BIT, MICROPROCESSOR, PQCC68 Moldable Putty Stick; Pack Quantity:1 RoHS Compliant: Yes 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64
|
ZiLOG, Inc.
|
PIC16F84AT-04I/PQTP PIC16F84A-04/SSQTP PIC16F84AT- |
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller 18 EEPROM位微控制器的闪存 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller 18 EEPROM8位微控制器的闪存
|
Microchip Technology Inc. Microchip Technology, Inc.
|
AKD5383 |
Enhanced Dual bit 96 kHz 24-bit ADC
|
AKM[Asahi Kasei Microsystems]
|
MC68030RC33 MC68030FE25 |
ENHANCED 32-BIT MICROPROCESSOR
|
MOTOROLA INC
|
PIC18LF2620-I/SP PIC18F2620ISO PIC18F4620ISO PIC18 |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP28 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
MC68EC030 MC68EC030FE40C |
Second-Generation 32-Bit Enhanced Embedded Controller
|
Freescale Semiconductor... Motorola, Inc. Freescale Semiconductor, Inc
|
T89C51AC2-SLSIM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
ATMEL Corporation
|
HT46R06412 HT46R06512 HT46R066212 HT46R06712 HT46R |
Enhanced A/D Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
T89C51AC2-RLTIM T89C51AC2-SLSIM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
Atmel Corp.
|