PART |
Description |
Maker |
26-19-2051 26-19-2121 26-19-2101 |
3.96mm KK Hdr Vt Pol-W RPin VrA 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3.96mm KK Hdr Vt Pol-W RPin VrA 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3.96mm KK Hdr Vt Pol-W RPin VrA 10Ckt
|
Molex, Inc. MOLEX INC
|
22-27-2111 22-27-2221 22-27-2251 22-27-2091 22-29- |
Header Connector,PCB Mnt,RECEPT,11 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm KK Hdr Vt FricLK VrA 5Sn 22Ckt 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm KK Hdr Vt FricLK VrA 5Sn 25Ckt 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,9 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:6; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm KK Hdr Vt FricLK VrA 5Sn 23Ckt 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
1755736 1755765 1755804 1755749 1755752 1755817 17 |
HEADER PCB VERT 5.08MM 2WAY HEADER PCB VERT 5.08MM 5WAY HEADER PCB VERT 5.08MM 9WAY HEADER PCB VERT 5.08MM 3WAY HEADER PCB VERT 5.08MM 4WAY HEADER PCB VERT 5.08MM 10WAY HEADER PCB VERT 5.08MM 6WAY HEADER PCB VERT 5.08MM 8WAY Header with side panels, plug-in direction vertical to the p.c.b. Header with side panels, plug-in direction vertical to the p.c.b.
|
PHOENIX CONTACT
|
39861-0505 39860-0712 39860-0509 39860-0708 39860- |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
Molex, Inc. MOLEX INC
|
39-53-6648 39-53-6649 39-27-1503 |
QF Hdr Assy RA W/DlFunctionElv64Ckt 64 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 50CKT QIK FLECS HDR ASSY 557650BGS1
|
Molex, Inc. MOLEX INC
|
70551-0043 70551-0046 70551-0037 70551-0071 70551- |
SL R/A Latch Hdr /Split Pg 15 SAu 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 15 SAu 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,3 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,LOCKING MECH 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 30 SAu 2Ckt 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 15 SAu 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 705510002 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg Tin 20Ckt SL R/A Latch Hdr /Split Pg 15 SAu 8Ckt
|
Molex, Inc. MOLEX INC
|
1728650000 |
S2L 3.5/10/90F 3.5SN SW
|
Weidmuller
|
1776402001 |
SL-SMT5.08/6/180LF 1.5SN
|
Weidmuller
|
1797080000 |
SL-SMT5.00/2/90G 1.5SN
|
Weidmuller
|
|