PART |
Description |
Maker |
0380440000 0380460000 0380480000 0499560000 |
Feed-through terminal, 2.5 mm2, Screw connection, PA 66, beige, TS 35
|
Weidmuller
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
19003-0045 19023-0056 |
.250X.032 94V-0 FEM. FIQD CONT (BB-2206V 2 mm2, PUSH-ON TERMINAL MALE FIQD 14-16 AWG LOOSE 2 mm2, TAB TERMINAL
|
Molex, Inc.
|
19723-4203 19723-4200 19723-4102 |
.180 RECEP STRIP PLT 6M/REEL (197234203) 2 mm2, WIRE TERMINAL .180 RECEP STRIP UNPLT 6M/RL W/DIMPLE 2 mm2, WIRE TERMINAL .156 RECEP STRIP PLT 7M/REEL (197234102) 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
BB-5289T AA-2201T AA-2201XC |
2 mm2, PUSH-ON TERMINAL 1 mm2, TIN FINISH, PUSH-ON TERMINAL
|
MOLEX INC
|
35711-0810 |
TERMINAL 0.52 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
TU325-11 JSTMFGCOLTD-TU325A-12 TU200-12 TU200A-12 |
325 mm2, COPPER ALLOY, WIRE TERMINAL 242.27 mm2, COPPER ALLOY, WIRE TERMINAL
|
J S T MFG CO LTD
|
STO-01T-187N-8 STO-01-187N STO-01-187N-8 SFO-61T-2 |
0.5 mm2, BRASS, TIN FINISH, WIRE TERMINAL 0.5 mm2, BRASS, WIRE TERMINAL 2 mm2, BRASS, TIN FINISH, WIRE TERMINAL 3.5 mm2, BRASS, TIN FINISH, WIRE TERMINAL 2 mm2, BRASS, TIN FINISH, TAB TERMINAL 1.25 mm2, BRASS, TIN FINISH, WIRE TERMINAL 0.75 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
JST Mfg. Co., Ltd. J S T MFG CO LTD
|
19723-4400 19723-4402 |
.180 RECEP STRIP UNPLT 6M/REEL (19723440 2 mm2, BRASS, WIRE TERMINAL .180 RECEP STRIP PLT 6M/REEL (197234402) 2 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
PN18-10R-C PN18-10R-M PN18-56R-M |
Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Stud Size:#10; Insulator Color:Red; Mounting Hole Dia:.20"; Overall Length:0.88"; Overall Width:0.31"; Pack Quantity:100 1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Fork Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#10; Insulator Color:Red; Overall Length:0.88"; Overall Width:0.31"; Pack Quantity:1000 1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL 1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL ROHS COMPLIANT
|
Panduit, Corp.
|
|