PART |
Description |
Maker |
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
19198-0047 19144-0004 19147-0103 19147-0105 19198- |
SPADE AVIKRIMP (C-841-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE INSULKRIMP TAPED (AA-235-08XT) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (191470103) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE VERSAKRIMP (C-341-08) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE AVIKRIMP TAPED (C-841-10T) 5 mm2, COPPER ALLOY, FORK TERMINAL SPADE KRIMPTITE TAPED (AA-135-06T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN TONGUE SPADE #8 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. ITT, Corp. MOLEX INC
|
19127-0086 19095-0138 19127-0044 19127-0090 19127- |
CONN FLANGED SPADE #8 10-12AWG 6 mm2, BRASS, WIRE TERMINAL BB-886-08 Flanged Spade Avikrimp 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE AVIKRIMP TAPED (BB-816-08T 2 mm2, BRASS, WIRE TERMINAL 191270090 6 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #6 14-16AWG 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE VERSAKRIMP (BB-316-08) 2 mm2, BRASS, WIRE TERMINAL
|
Molex, Inc. KEMET Corporation
|
19023-0012 19025-0004 19022-0010 19022-0006 19023- |
.250X.032 MALE QD INSULKRIMP (MCT-2X) 2 mm2, TAB TERMINAL 190250004 0.8 mm2, TAB TERMINAL .250 X .032 MALE QD KRIMP/TAPE (AMCT-1T) 0.8 mm2, TAB TERMINAL .187 X .020 MALE QD KRIMPTITE (AMCT-17) 0.8 mm2, TAB TERMINAL .187X.020 MALE QD INSULKRIMP (MCT-27X) 2 mm2, TAB TERMINAL .250X.032 MALE QD AVIK. TAPED (CMCT-5T) 5 mm2, TAB TERMINAL .187X.020 MALE QD KRIMP.TAPED (MCT-17T) 2 mm2, TAB TERMINAL .250X.032 MALE QD AVIKRIMP (MCT-5)
|
Molex, Inc. MOLEX INC
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
19203-0034 19203-0099 19203-0042 19203-0035 19203- |
NICKEL/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL RING/HI-TEMP VERSAKRIMP (C-T-328-10) 6 mm2, COPPER ALLOY, NICKEL FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#5, #6 2 mm2, STEEL, NICKEL FINISH, RING TERMINAL NICKLE/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL 6 mm2, STEEL, NICKEL FINISH, RING TERMINAL
|
Molex, Inc. MOLEX INC
|
19003-0045 19023-0056 |
.250X.032 94V-0 FEM. FIQD CONT (BB-2206V 2 mm2, PUSH-ON TERMINAL MALE FIQD 14-16 AWG LOOSE 2 mm2, TAB TERMINAL
|
Molex, Inc.
|
SRA-S-229-06X C-2006-MSXT |
1 mm2, STEEL, TIN FINISH, RING TERMINAL 6 mm2, COPPER ALLOY, RING TERMINAL
|
MOLEX INC
|
19131-0031 19131-0044 19129-0050 19131-0041 19139- |
191310031 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2109-04 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE ON TAPE (AA-1118-0 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2118-06 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE AVIKRIMP (BB-8781-08) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP (BB-2781-08X) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE TAPED (AA-1109-02T BLOCK SPADE AVIKRIMP TAPED (AA-834-06T) BLOCK SPADE KRIMPTITE (AA-134-08) BLOCK SPADE VERSAKRIMP (BB-3781-10) 191470063 BLOCK SPADE VERSAKRIMP (BB-3471-06) SPADE VERSAKRIMP (AA-334-10) SPADE VERSAKRIMP TAPED (AA-338-06T) BLOCK SPADE VERSAKRIMP (BB-3471-04) BLOCK SPADE VERSAKRIMP (C-3105-10)
|
Molex, Inc. MOLEX INC
|
19723-4203 19723-4200 19723-4102 |
.180 RECEP STRIP PLT 6M/REEL (197234203) 2 mm2, WIRE TERMINAL .180 RECEP STRIP UNPLT 6M/RL W/DIMPLE 2 mm2, WIRE TERMINAL .156 RECEP STRIP PLT 7M/REEL (197234102) 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
BB-5289T AA-2201T AA-2201XC |
2 mm2, PUSH-ON TERMINAL 1 mm2, TIN FINISH, PUSH-ON TERMINAL
|
MOLEX INC
|
|