PART |
Description |
Maker |
ATMEGA1280V |
(ATMEGAxxxxV) 8-bit Atmel Microcontroller
|
ATMEL
|
ATMEGA324P-B-14 |
8-bit Atmel Microcontroller with 16/32/64Kbytes In-system Programmable Flash
|
ATMEL Corporation
|
ATMEGA644A ATMEGA644PA ATMEGA164A11 ATMEGA324PA AT |
8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATTINY1634-MUR ATTINY1634R-SUR ATTINY1634-SUR ATTI |
8-bit Atmel tinyAVR Microcontroller with 16K Byres In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA1280 ATMEGA1280-16CU ATMEGA1280-16CUR ATMEGA |
8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
MB89193P-SH MB89191AP-SH MB89191APF MB89191AHP MB8 |
8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PDIP28 8-bit Proprietary Microcontroller 8-BIT, 4.2 MHz, MICROCONTROLLER, PQFP48 Patch Panel JT 79C 79#22D SKT RECP 2.0A, 2.7 to 5.5V Single High-Side MOSFET Switch IC, No Fault Reporting, Active-Low Enable 8-SOIC
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
AT90USB162-16AU ATMEGA48-15AZ TSC80C51CXXX-40CA TS |
8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP32 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation TEMIC SEMICONDUCTORS List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
ATTINY2313V-10MUR ATTINY2313V-10SUR AT91SAM7A2-AJ |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, GREEN, PLASTIC, MS-013AC, SOIC-20 32-BIT, 30 MHz, RISC MICROCONTROLLER, PQFP176 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDSO20 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
ATUC128L3U14 |
High-performance, Low-power 32-bit Atmel
|
ATMEL Corporation
|
|