PART |
Description |
Maker |
907-0010 912-0120 914-0040 914-0070 914-0140 912-0 |
PUNCH&DIE SET 3-12MM PUNCH&DIE 10.0MM CIRCULAR PUNCH&DIE 16.5MM CIRCULAR PUNCH&DIE 25.0MM CIRCULAR PUNCH&DIE 12.0MM CIRCULAR PUNCH&DIE 9.0MM CIRCULAR PUNCH&DIE 20.0MM CIRCULAR PUNCH&DIE 12.5MM CIRCULAR STRIPPER 37.0 X 13.7 D CON STRIPPER 31.75MM DIAMETER 低产31.75MM直径 LOUVRE TOOL 卢浮宫工 PUNCH&DIE 10.0MM CIRCULAR STRIPPER 67.2 X 16.5 D CON
|
Peregrine Semiconductor, Corp. Molex, Inc.
|
SKDI26 SKDI26_02 SKDI26_04 SKDI26_06 SKDI26_08 SKD |
LED 470NM TAPERED BLUE 5MM 3 PHASE, 800 V, SILICON, BRIDGE RECTIFIER DIODE LED 623NM ROUND RED 5MM LED 589NM ROUND YELLOW 5MM LED 573NM TAPERED YLW/GRN 5MM LED 525NM ROUND GREEN 5MM 3~phase
|
SEMIKRON[Semikron International]
|
35965-0200 |
.070 Multi W/W FEMALE HOUS 2P (A TYPE) 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Molex, Inc.
|
26-11-6101 |
3.96mm KK PCBC RA W/Rmp/Hk .4Au 10Ckt
|
MOLEX INC
|
HM62256 HM62256A HM62256AFP-10T HM62256AFP-12T HM6 |
32/768-word x 8-bit High Speed CMOS Static RAM Quadruple 2-Input Positive-AND Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 10CKT R/A B-B HOUS ASSY RoHS Compliant: Yes 524352272 Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No Hex Inverters 14-CDIP -55 to 125 JT 55C 55#22D SKT WALL RECP 32,768-word x 8-bit High Speed CMOS Static RAM 32,768字8位高速CMOS静态RAM Triple 3-Input Positive-NAND Gates 14-CDIP -55 to 125 32,768字8位高速CMOS静态RAM Hex Inverters With Open-Collector Outputs 14-CDIP -55 to 125 32,768字8位高速CMOS静态RAM JT 128C 128#22D SKT PLUG Hex Inverters With Open-Collector Outputs 14-CFP -55 to 125
|
http:// HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
384210 |
Male Con.C/2 32 solder
|
ERNI Electronics
|
374003 |
Male Con. R/3, 30 Solder
|
ERNI Electronics
|
B81130-C1154-M B81130-C1103-M B81130-C1105-M B8113 |
KONDENSATOR X2 RASTER 15MM 150NF KONDENSATOR X2 RASTER 10MM 10NF KONDENSATOR X2 RASTER 27.5MM 1000NF KONDENSATOR X2 RASTER 15MM 100NF KONDENSATOR X2 RASTER 27.5MM 1500NF KONDENSATOR X2 RASTER 10MM 22NF KONDENSATOR X2 RASTER 10MM 33NF KONDENSATOR X2 RASTER 22.5MM 330NF KONDENSATOR X2 RASTER 27.5MM 2200NF KONDENSATOR X2 RASTER 15MM 47NF KONDENSATOR X2栅格15毫米47NF KONDENSATOR X2 RASTER 10MM 47NF KONDENSATOR X2栅格10毫米47NF KONDENSATOR X2 RASTER 22.5MM 470NF KONDENSATOR X2栅格22.5毫米470NF KONDENSATOR X2 RASTER 27.5MM 680NF KONDENSATOR X2栅格27.5毫米680NF KONDENSATOR X2 RASTER 10MM 15NF KONDENSATOR X2栅格10毫米15NF KONDENSATOR X2 RASTER 27.5MM 470NF KONDENSATOR X2栅格27.5毫米470NF KONDENSATOR X2 RASTER 15MM 68NF KONDENSATOR X2栅格15毫米68NF
|
KEMET Corporation EPCOS AG TE Connectivity, Ltd.
|
43459-0040 |
MiniFit BMI Vert Hdr MFBL /DH V2 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
44242-0004 |
MicroFit 3.0 Continuity Tst Plg DR 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, PLUG
|
Molex, Inc.
|
100600760003 |
Male con. D32 solder
|
ERNI Electronics
|
OP993 |
PIN Sili con Pho todiode
|
OPTEK[OPTEK Technologies] ETC
|