PART |
Description |
Maker |
0222860000 |
Fuse terminal, 4 mm2, Screw connection, PA 66, beige, TS 35 TS 32
|
Weidmuller
|
0225820000 |
Fuse terminal, 10 mm2, Screw connection, KrG, Medium yellow, TS 35
|
Weidmuller
|
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
19203-0034 19203-0099 19203-0042 19203-0035 19203- |
NICKEL/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL RING/HI-TEMP VERSAKRIMP (C-T-328-10) 6 mm2, COPPER ALLOY, NICKEL FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#5, #6 2 mm2, STEEL, NICKEL FINISH, RING TERMINAL NICKLE/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL 6 mm2, STEEL, NICKEL FINISH, RING TERMINAL
|
Molex, Inc. MOLEX INC
|
0334520000 |
Special terminal, special connections, 4 mm2, Screw connection, KrG, Medium yellow, TS 32
|
Weidmuller
|
19003-0045 19023-0056 |
.250X.032 94V-0 FEM. FIQD CONT (BB-2206V 2 mm2, PUSH-ON TERMINAL MALE FIQD 14-16 AWG LOOSE 2 mm2, TAB TERMINAL
|
Molex, Inc.
|
19204-0017 19204-0025 19204-0004 19204-0030 19204- |
Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Insulator Color:Blue; Terminal Insulation:Nylon 2 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):12-10; Insulator Color:Yellow; Terminal Insulation:PVC 5 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Insulator Color:Red; Terminal Insulation:PVC 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):12-10; Insulator Color:Yellow; Terminal Insulation:Nylon 5 mm2, COPPER ALLOY, WIRE TERMINAL 3-WAY AVIKRIMP CONNECTOR (A-5YC) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL PARALLEL SPLICE NYLON INS (BS-N-304) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
YA30L-TC58-FX YA40L-TC12-FX-45 YA30L-TC58-FX-45 YA |
120 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 400 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 150 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 240 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 185 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
|
19073-0236 19073-0218 19073-0231 19073-0242 19073- |
Connector assemblies 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (C-836-06T) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-14) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-56) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL 1/4 RING TERMINAL
|
Molex, Inc. MOLEX INC
|
|