PART |
Description |
Maker |
ISL9104IRUNZ-T ISL9104IRUBZ-T |
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R 1.35 A SWITCHING REGULATOR, 4900 kHz SWITCHING FREQ-MAX, PQCC6
|
Intersil, Corp. INTERSIL CORP
|
HFA1120 |
Op Amp, 850MHz, Low Distortion, Video/RF, Current Feedback, SR=2300V/s, with Offset Adjust
|
Intersil
|
2SC3184K 2SC3184M 2SC3184L |
TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 500MA I(C) | TO-220AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 800V的五(巴西)总裁| 500mA的一(c)| TO - 220AB现有
|
CTS, Corp.
|
LT6301 LT6301CFE LT6301IFETR |
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package Dual 500mA/ Differential xDSL Line Driver in 28-Lead TSSOP Package 500mA, Differential xDSL Line Driver in SSOP-28 Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package; Package: TSSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DUAL LINE DRIVER, PDSO28
|
Linear Technology, Corp.
|
LT1763IDE-1.5 LT1763IDE-1.5-PBF LT1763IDE-1.5-TR L |
500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 7; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 4 X 3 MM, 0.75 MM HEIGHT, LEAD FREE, PLASTIC, MO-229WGED, DFN-12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ATH22T033 ATH22T033-9J ATH22T033-9S |
22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
|
Astec America, Inc
|
ATH10T05 ATH10T05-9J ATH10T05-9S |
10-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
|
Astec America, Inc
|
ATH15T05 ATH15T05-9J |
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
|
Astec America, Inc
|
ATH30T05 ATH30T05-9J ATH30T05-9S |
30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
|
Astec America, Inc
|
PTH12040W |
50-A 8 to 14-V Input Non-Isolated Wide-Output Adjust Power Module
|
TI
|
INTERSILCORP-X9241AWSZT2 X9241AWSZT1 |
Quad Digital Controlled Potentionmeters (XDCP™), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R
|
INTERSIL CORP
|
|