PART |
Description |
Maker |
14-60-0173 14-60-0073 14-60-0053 14-60-0213 14-60- |
SL IDT Opt A Female 26AWG Tin 17Ckt 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 7Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 21Ckt 21 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
14-60-0238 14-60-0028 14-60-0168 14-60-1150 14-60- |
CGrid SL IDT Opt D Tin 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D Tin 2Ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D Tin 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D Tin 15Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D Tin 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D Tin 22Ckt
|
Molex, Inc. MOLEX INC
|
14-60-0069 14-60-1051 14-56-4084 14-56-4050 14-60- |
CGrid SL IDT Opt C Tin 06Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C Tin 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Assy Opt C 30 SAu 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C Tin 16Ckt 100 SL Assy Single Row 30 SAu 4Ckt 21 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
14-56-8171 14-56-8151 14-56-8071 14-56-8191 14-56- |
CGrid SL IDT SR Conn Opt D 30 SAu 17Ckt 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Conn Opt D 30 SAu 15Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT SR Conn Assy OptD 30Au 7Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Conn Opt D 30 SAu 19Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT SR Conn OptD 30Au 6Ckt CGrid SL IDT SR Conn Opt D 30 SAu 14Ckt
|
Molex, Inc. MOLEX INC
|
14-56-2103 14-56-2243 14-56-2203 14-56-2063 14-56- |
CGrid SL IDT Opt A 15 SAu 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-56-3125 14-56-3055 14-56-3165 |
100 SL Assy Single Row 15 SAu 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C 15 SAu 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C 15 SAu 16ckt
|
Molex, Inc. MOLEX INC
|
14-56-3202 |
CGrid SL IDT Opt A 30 SAu 20CKT 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-56-7179 |
CGrid SL IDT Opt B 30 SAu 17Ckt 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
90327-3324 90327-3306 90327-3326 90327-0322 90327- |
1.27mm PF Conn LoPro IDT Wht .76Au 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 1.27mm PF Conn LoPro IDT Wht .76Au 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CONN RECPT IDT 26POS 1.27MM GOLD 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 1.27 mmPF Conn LoPro IDT Wht 2Sn 22Ckt CONNECTOR, PICOFLEX 26WAY ; Ways, No. of:26; Pitch:1.27mm; Colour:White; Current, contact rating:1.2A; Flammability rating:UL94V-0; Material:Polyester; Material, contact:Phosphor bronze alloy; Plating, contact:Tin; Poles, No. of:26;
|
Molex, Inc. MOLEX INC
|
22-50-3095 22-50-3045 22-50-3055 |
WO/B WR PR 9CCT GRN 7720SC09H 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SOCKET, IDT, 0.1", 24AWG, 4WAY; Gender:Socket; Ways, No. of:4; Termination method:IDT; Material, contact:Brass; Plating, contact:Tin; Series:KK 7720S; Approval category:UL94V-2; Colour:White; Flammability rating:UL94V-2; RoHS Compliant: Yes SOCKET, IDT, 0.1", 24AWG, 5WAY; Gender:Socket; Ways, No. of:5; Termination method:IDT; Material, contact:Brass; Plating, contact:Tin; Series:KK 7720S; Approval category:UL94V-2; Colour:White; Flammability rating:UL94V-2; RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
|