PART |
Description |
Maker |
22-01-2065 22-01-2115 22-01-2026 22-01-2155 22-01- |
Header Connector,Cable Mnt,PLUG,6 Contacts,SKT,0.1 Pitch,IDC Terminal RoHS Compliant: Yes 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Number Of Ways Of Terminal Block 11 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 2.54mm KK Crp Trm Hsg il W/OLRmp 2Ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Number Of Ways Of Terminal Block 15 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Number Of Ways Of Terminal Block 12 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 2.54mm KK Crp Trm Hsg il W/OLRmp 2Ckt 2.54mm KK Crp Trm Hsg il W/LRmp 21Ckt
|
Molex, Inc. MOLEX INC
|
10-01-1064 10-01-1014 10-01-1114 10-01-1044 91813- |
PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 6 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:1; Series:KK; Body Material:Nylon; Number of Rows:1 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5.08mm KK Crp Term Hsg 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 4 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
50079-8100 50079-8000 |
1.25 WIRE TO BOARD CONN. CRIMP REC. TERMINAL
|
Molex Electronics Ltd.
|
0350211001 35021-1001 |
Board-In Right Angle Crimp Terminal 35021, Reel, Brass Tin (Sn)
|
Molex Electronics Ltd.
|
08-65-0118 000850-0116 0008-50-0116 08-58-0127 000 |
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, GOLD (15) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
502579-0000 5025790000 |
1.50mm (.059) Pitch CLIK-Mate Wire-to-Board Crimp Terminal, Chain
|
Molex Electronics Ltd.
|
DF5A-10DP-5C DF5A-10DP-5DSA DF5A-10DS-5DSA DF5A-10 |
5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 5mm Pitch Miniature Potting Connector for Secondary Power Supply
|
http:// Hirose Electric
|
0002092105 02-09-2105 |
Board-In Crimp Terminal, Series 4706, Male, Tin (Sn) Plated Brass Contact, 16-18 AWG, 11.20mm (.440
|
Molex Electronics Ltd.
|
50133-40000 SD-501334-001 5013340000 |
1.00mm (.039) Pitch Pico-Clasp Wire-to-Board Crimp Terminal, 28-32 AWG, Leadfree, Tin Plating, Reel 1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Crimp Terminal, 28-32 AWG, Leadfree, Tin Plating, Reel
|
Molex Electronics Ltd.
|
0781720410 78172-0410 |
1.20mm (.047) Pitch Pico-EZmate?/a> Wire-to-Board Crimp Terminal, Gold (Au) Flash over Nickel (Ni) Plated, Lead free 1.20mm (.047) Pitch Pico-EZmate Wire-to-Board Crimp Terminal, Gold (Au) Flash over Nickel (Ni) Plated, Lead free
|
Molex Electronics Ltd.
|
78172-0411 |
1.20mm (.047) Pitch Pico-EZmate Wire-to-Board Crimp Terminal, Gold (Au) Flashover Nickel (Ni) Plated, Lead free
|
Molex Electronics Ltd.
|
|