Part Number Hot Search : 
1N5938 15800 HCF4510B AD7575JR ST211031 2SA130 AD7575JR 227E3
Product Description
Full Text Search
  board-in Datasheet PDF File

For board-in Found Datasheets File :: 142185    Search Time::2.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Xilinx
Part No. XC18V00-SERIES-OF-IN-SYSTEM-PROGRAMMABLE XC18V256VQ44C XC18V256VQ44I XC18V512VQ44C XC18V512VQ44I
OCR Text ...ent sys- tem, a jtag-compatible board tester, or a simple micropro- cessor interface that emulates the jtag instruction sequence. the jtag p...in-system programmable configuration proms ds026 (v3.0) november 12, 2001 www.xilinx.com 5 product s...
Description XC18V00 Series of In-System Programmable Configuration PROMs
In-system programmable configuration PROM.

File Size 217.54K  /  19 Page

View it Online

Download Datasheet





    ATMEL[ATMEL Corporation]
Part No. ATR2406-DEV-BOARD ATR2406_06 ATR2406 ATR2406-DEV-KIT2 ATR2406-PNQG
OCR Text ...ed only on the Atmel evaluation board, including microstrip filter, balun, and Smart Radio Frequency (Smart RF) firmware. Conducted measured...in production to the nominal value of 400 kHz. 4. Burst mode with 0.9% duty cycle 6 ATR2406 4...
Description Low-IF 2.4-GHz ISM Transceiver

File Size 682.44K  /  25 Page

View it Online

Download Datasheet

    SNP-OP-BOARD-01

Power-One
Part No. SNP-OP-BOARD-01
OCR Text ...conjunction with the snp - op - board - 01 evaluation kit it is also possible to control the pson_l pin(s) of the power supply. further t...in the e valuation kit). note: the user of the gui needs to ensure that only one of the power ...
Description PFE1100-12-054xA

File Size 1,083.53K  /  22 Page

View it Online

Download Datasheet

    LA4815M10

Sanyo Semicon Device
Part No. LA4815M10
OCR Text ...ation pd max * mounted on the board 0.9 w maximum junction temperature tj max 150 c operating temperature topr -30 to +75 c ...in = -30dbv 23.9 25.9 27.9 db voltage gain-2 vg2 v in = -40dbv, pin 1/pin8 = gnd 37 39.5 ...
Description Monaural Power Amplifier

File Size 208.72K  /  14 Page

View it Online

Download Datasheet

    Intersil, Corp.
Part No. HC5503PRCR
OCR Text ...nt mount ed on an evaluation pc board in free air. 3. ja for the qfn package is measured in free air with the com ponent mounted on a high effective thermal conductivity test board wit h direct attach features including conductive therma...
Description Low Cost SLIC For Large Telecom Switches TELECOM-SLIC, PQCC32

File Size 255.21K  /  11 Page

View it Online

Download Datasheet

    LA4815M

Sanyo Semicon Device
Part No. LA4815M
OCR Text ...ation pd max * mounted on the board 0.9 w maximum junction temperature tj max 150 c operating temperature topr -30 to +75 c ...in = -30dbv 23.9 25.9 27.9 db voltage gain-2 vg2 v in = -40dbv, pin 1/pin8 = gnd 37 39.5 42...
Description Monaural Power Amplifier

File Size 147.48K  /  14 Page

View it Online

Download Datasheet

    2SA2056

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2056
OCR Text ...typ.) Note 1: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 2 645 mm ) Electrical Characteristics (Ta = 25C) Characterist...in thermal limited area. Single nonrepetitive pulse 645 mm2) 1 0.001 0.01 0.1 1 10 100 1000 Ta = 25C...
Description TOSHIBA Transistor Silicon PNP Epitaxial Type

File Size 189.75K  /  5 Page

View it Online

Download Datasheet

    2SA2058

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2058
OCR Text ... (typ.) Note: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 2 645 mm ) Electrical Characteristics (Ta = 25C) Characterist...in thermal limited area. Single nonrepetitive pulse area: 645 mm2) 1 0.001 0.01 0.1 1 10 100 1000 Ta...
Description TOSHIBA Transistor Silicon PNP Epitaxial Type

File Size 194.32K  /  5 Page

View it Online

Download Datasheet

    2SA2059

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2059
OCR Text ... (typ.) Note: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 2 645 mm ) Electrical Characteristics (Ta = 25C) Characterist...in thermal limited area. Single nonrepetitive pulse area: 645 mm2) 1 0.001 0.01 0.1 1 10 100 1000 Ta...
Description SILICON PNP EPITAXIAL TYPE

File Size 181.01K  /  5 Page

View it Online

Download Datasheet

    2SA2061

TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2061
OCR Text ... (typ.) Note: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 2 645 mm ) Electrical Characteristics (Ta = 25C) Characterist...in thermal limited area. Single nonrepetitive pulse 645 mm2) 1 0.001 0.01 0.1 1 10 100 1000 Ta = 25C...
Description Silicon PNP Epitaxial Type

File Size 167.29K  /  5 Page

View it Online

Download Datasheet

For board-in Found Datasheets File :: 142185    Search Time::2.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of board-in

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.59171390533447