PART |
Description |
Maker |
X150FF3 X150FF5 X100FF3 |
High Voltage Diodes - Axial Lead 50mA - 420mA ?30ns - 50ns ?Hermetic
|
Voltage Multipliers Inc...
|
15KP43 15KP40C 15KP40A 15KP40CA 15KP43C |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, R-6, 2 PIN 15000 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, R-6, 2 PIN
|
Lite-On Semiconductor, Corp.
|
RB2200R-153K-RC |
1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR
|
ALLIED COMPONENTS INTERNATIONAL
|
CA5130T |
OP-AMP, 15000 uV OFFSET-MAX, MBCY8
|
HARRIS SEMICONDUCTOR
|
STB15K13.5 |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
SOLID STATE DEVICES INC
|
BZ055B153ZSBAJ |
CAPACITOR, ELECTRIC DOUBLE LAYER, 5.5 V, 15000 uF, SURFACE MOUNT
|
AVX, Corp.
|
BCW60B BCW60D BCW60 BCW60C BCW60_3 BCW60B/T1 BCW60 |
From old datasheet system NPN GENERAL PURPOSE TRANSISTORS PTC Resettable Fuse; Series:1206L; Thermistor Type:PTC; Operating Voltage Max:24VDC; Holding Current:200mA; Tripping Current:420mA; External Depth:1mm; Length:3.5mm; Initial Resistance Min:0.65ohm; Initial Resistance Max:1.55ohm HDW,FUSEHOLDER,SMT
|
NXP Semiconductors Philips Semiconductors
|
MPLAD15KP8.0AE3TR |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, PLASTIC PACKAGE-1
|
Microsemi, Corp.
|
EHA1-2540/883B EHA1-2540-2 |
OP-AMP, 15000 uV OFFSET-MAX, 400 MHz BAND WIDTH, CDIP14
|
ELANTEC
|
4307-475K 4307-185K 4307-335K 4307-336K 4307-106K |
Molded Shielded RF Coils 1 ELEMENT, 15000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
API Delevan
|
15KP45AB 15KP28AT 15KP51AT |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, CASE P600, PLASTIC PACKAGE-2
|
Crydom, Inc.
|
|