PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
RIF-0-OPT-24DC |
Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
|
PHOENIX CONTACT
|
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
PS7141L-1C PS7141-1C PS7141L-1C-E4 |
Solid State Relay OCMOS FET(固态继电器) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
NEC Corp.
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
PS7111-2A01 PS7111-2A PS7111L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8 PIN DIP SOLID STATE RELAY
|
NEC Duracell
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
HSSR8060 HSSR-8060 HSSR-8400 |
400 V/10 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay 60 V/0.7欧姆,通用 A型,固态继电器 60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay
|
Fujitsu, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
LH1524-AB LH1520-AB LH1520-AAC LH1520-AACTR |
High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 2FormA
|
Infineon
|
VN380 VN380SP 5984 VN380.VN380SP |
SMART SOLENOID DRIVER SOLID STATE RELAY From old datasheet system Smart Solenoid Driver Solid State Relay(智能螺线管驱动器固态继电器)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
CPC1981Y |
Power SIP Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Clare, Inc.
|
PS7200J-1A-E3 PS7200J-1A-F3 PS7200J-1A-E4 PS7200J- |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY 4引脚SOP低输出电容固态继电器 Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 RoHS Compliant: No
|
NEC, Corp. NEC Corp. NEC[NEC]
|