PART |
Description |
Maker |
AAT1110 AAT1110IJS-0.6-T1 AAT111006 |
1.4MHz 800mA Step-Down DC/DC Converter Fast Transient 800mA Step-Down Converter
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
HMMC-3124 HMMC-3124-BLK HMMC-3124-TR1 |
HMMC-3124 · SO-8 SMT 0.5-12GHz high eff. GaAs HBT prescalers DC-12 GHZ PACKAGED HIGH EFFICIENCY DIVIDE-BY-4PRESCALER
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
MSGB39WP |
HIGH EFF.RED/GREEN DUAL COLOR LAMP
|
MICRO-ELECTRONICS[Micro Electronics]
|
LT1618 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter(恒定电流/恒定电压.4MHz,步升DC/DC变换
|
Linear Technology Corporation
|
HMMC-3122 |
HMMC-3122 · SO-8 SMT 0.5-12GHz high eff. GaAs HBT prescalers
|
Agilent (Hewlett-Packard)
|
AEDA-3300 |
Ultra Miniature, High Resolution Incremental Kit Encoders Cost eff ective
|
AVAGO TECHNOLOGIES LIMITED
|
MP2005 |
800mA High PSRR ULDO Linear Regulator
|
MPS
|
AP3407KTR-G1 AP3407AKTR-G1 |
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
|
Diodes BCD Semiconductor Manufacturing Limited
|
AP3409DNTR-G1 AP3409ADNTR-G1 |
3A, 4MHz HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
|
Diodes
|
LP3205-25B5F LP3205-18J5F LP3205-15J5F LP3205-AB5F |
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|