PART |
Description |
Maker |
DMS3100F10SL-29PBSS-0 DMS3100R10SL-29PBSS-0 DMS310 |
MIL-DTL-5015 Compatible Environment Resistant Type
|
DDK Ltd.
|
A62S6308 A62S6308G-10S A62S6308G-10SI A62S6308G-70 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:53; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:3; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight TV 46C 40#20 4#16 2#8(COAX) TV 19C 19#12 PIN RECP Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; Number of Contacts:53; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 64K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
MIL-DTL-38999 MS27473T8F98S M39029-58-362 |
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
|
Amphenol Corporation
|
D3899924WD35SA D38999-20FC98PN D38999-20FE35SN D38 |
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
|
Amphenol Corporation
|
K9F3208W0A-TCB0 K9F3208W0A-TIB0 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; Number of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 4米8位NAND闪存
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
TSMBJ0309C-130 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS07; Number of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight
|
Micro Commercial Components Corp.
|
K9F4008W0A-TCB0 K9F4008W0A-TIB0 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 12k × 8位NAND快闪记忆
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
D38999-20WC98PN 8599-07482A-900 8599-0725-900 8599 |
High density (#22D) MI L-spec circular (1980’s) 8D Series - MIL-DTL-38999 Series III
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
K9F2808U0A-YCB0 K9F2808U0A-YIB0 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:11; Connector Shell Size:21; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight TV 79C 79#22D PIN RECP
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
H1084E H1084-3.3E |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; No. of Contacts:24; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
|
HSMC CORP. Hi-Sincerity Mocroelectronics Hi-Sincerity Microelectronics
|
61083-300 61083 61083-001 61083-002 61083-101 6108 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; Number of Contacts:53; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|