PART |
Description |
Maker |
M52-5110945 111245 |
1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 12 12-way
|
Harwin PLC HARWIN INC
|
M50-3905042 M50-3900142 |
1.27 mm PITCH DIL HORIZONTAL PIN HEADER
|
Harwin Plc
|
M50-4302445 M50-4903845 M50-4903045 M50-4302845 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M20-7881842 |
2.54mm Pitch DIL Horizontal PC Tail Socket Assembly, selective gold tin, 18 18-way 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M50-360-142 M50-36011 M50-3601142 M50-3603042 |
1.27mm Pitch DIL Vertical SMT Pin Header, selective gold tin, 11 11-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, selective gold tin, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
M80-8430842 M80-8780605 M80-8681205 M80-8680405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, latched, gold, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, latched, selective gold tin/lead, 7 7-way
|
Harwin Plc HARWIN INC
|
M50-3112542 M50-3113542 M50-3111242 M50-3115042 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 25 25-way 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 35 35-way 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 12 12-way 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 50 50-way 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, selective gold tin, 30 30-way 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-3155042 M50-3151242 M50-3150642 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, low profile, selective gold tin, 50 50-way 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, low profile, selective gold tin, 12 12-way 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, low profile, selective gold tin, 6 6-way 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
The Connor-Winfield, Corp. Harwin PLC EPCOS AG
|
M80-8410442 M80-8410642 M80-8410645 M80-8410842 M8 |
DATAMATE DIL HORIZONTAL 90 TAIL PLUG ASSEMBLY (RoHS)
|
Harwin Plc
|
M80-5305042 M80-5300422 M80-5300442 M80-5305022 |
JACKSCREW DATAMATE DIL HORIZONTAL PC TAIL MALE ASSEMBLY
|
Harwin Plc
|
0879700001 87970-0001 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Through Hole, with Straight Solder Tab MOLEX Connector
|
Molex Electronics Ltd.
|
M80-5400405 M80-5400442 M80-5400422 M80-5405042 M8 |
JACKSCREW DATAMATE DIL HORIZONTAL PC TAIL MALE ASSEMBLY (BOARD MOUNT)
|
Harwin Plc
|
|