PART |
Description |
Maker |
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
5962-9306001MXA 5962-9306002MYA AD872ASE/883B AD87 |
Complete 12-Bit 10 MSPS Monolithic A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CDIP28 Complete 12-Bit 10 MSPS Monolithic A/D Converter 完整210 MSPS的单片A / D转换
|
TE Connectivity, Ltd. Analog Devices, Inc.
|
AD9225-EB AD9225AR |
Complete 12-Bit, 25 MSPS Monolithic A/D Converter 完整2位,25 MSPS的单片机的A / D转换 Complete 12-Bit, 25 MSPS Monolithic A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO28
|
Analog Devices, Inc.
|
MAT-04FY MAT-04 MAT-04A MAT-04AY MAT-04B MAT-04BY |
Matched Monolithic Quad Transistor Matched Monolithic Quad Transistor 30 mA, 40 V, 4 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
AD[Analog Devices] Analog Devices, Inc.
|
MMQA13VT MMQA27VT MMQA27VT1G MMQA5V6T1G MMQA12VT M |
Transient Voltage Suppressors for ESD Protection SC-74 Quad Monolithic Common Anode MMQA, SZMMQA Quad Common Anode Series SC?4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ?33 VOLTS
|
ON Semiconductor
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
AD5624R AD5644R AD5664R |
Quad,12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC? with 5ppm/°C On-Chip Reference Quad, 14-Bit nanoDAC? with 5ppm/°C On-Chip Reference Quad, 16-Bit nanoDAC? with 5ppm/°C On-Chip Reference
|
Analog Devices
|
UPD16835AGS-BGG |
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
|
NEC Corp.
|
UPD16835 |
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
|
NEC[NEC]
|
|