PART |
Description |
Maker |
6EH51 |
PENTODE MINIATURE TYPE
|
List of Unclassifed Manufacturers
|
6BH61 |
MINIATURE HIGH SLOPE R.F. PENTODE
|
List of Unclassifed Manufacturers
|
IR2510 |
Epoxy Conformal Coated Uniform Roll Coated
|
Vishay Intertechnology
|
TC003-202J-3950J FT003-401 FT003-252 FT003-253 FT0 |
TEMPERATURE COMPENSATING THERMISTORS FT Series: Coated Leaded Chip Type
|
RFE international
|
G-1-80 G-1-380 G-5C G-10 G-3-380 G-3-80 |
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
|
Vishay Siliconix
|
GN0012R200BB1280 G0101R000JS7333 G0011K500FE7380 G |
Res Wirewound 2.2 Ohm 0.1% 1W ±50ppm/C Ceramic Hi Temp Sil AXL Thru-Hole Bulk 10W,1OHM,5%,T/R - Tape and Reel G, GN Wirewound Resistors, Miniature, Industrial, Precision Power, Silicone Coated, Axial Lead VISGN003R3300FE7080 GN-3-80 .33 1% E70 E
|
Vishay Dale
|
591D686X004C2T 591D686X010C2T 591D686X010D2T 591D6 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV 固体钽芯片电容器等于??,低姿态,低ESR,共形涂层,最大简 SW MINI PUSHBUTTON PANEL SEAL Conformal-coated tantalum capacitor;
high CV; low ESR;
low profile 1.2 - 2.0mm Solid Tantalum Chip Capacitors TANTAMOUNT?? Low Profile Low ESR Conformal Coated Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT??, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. aximum CV VISAY[Vishay Siliconix]
|
6L6GC |
Pentode
|
ETC
|
C3E |
Pentode
|
RFT
|
DL193 |
Pentode
|
RFT
|
10CV100BE 16CV33BE 10CV47BE 10CV68BE 10CV33BE 10CV |
3 PR #24 FEP FS FLMRST RoHS Compliant: Yes 表面贴装型微型,超高度低调三点九毫米 Surface Mount Type Miniature, Super low profile 3.9mm height 表面贴装型微型,超高度低调三点九毫米 Surface Mount Type Miniature Super low profile 3.9mm height
|
Sanyo Electric Co., Ltd. Crystek, Corp. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
12BW4 6BW4 |
DOUBLE DIODE MINIATURE TYPE
|
List of Unclassifed Manufacturers
|