PART |
Description |
Maker |
FDG6332C FDG6332CNL |
Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 6.3V; Packaging: Tape & Reel 700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench MOSFETs 20V N &P - Channel Power Trench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
G6B-1174C-US G6B-1174CUS12VDC G6B-1174CUS24VDC G6B |
Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 Tantalum Molded Capacitor; Capacitance: 3.3uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel RESISTOR,1%,6.04K OHM,MTL FILM RELAY SOFTSTART 25A 120VAC ACOUT Analog Input Power Controller Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 20V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel 超小型继电器,开关多 Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 20V; Case Size: 7.3x2.8 mm; Packaging: Tape & Reel 超小型继电器,开关多 FILTER, SSR 3 PHASE 超小型继电器,开关多 Sub-miniature Relay that Switches up to 5 A 超小型继电器,开关多5
|
Omron http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
SCD22L |
VOLTAGE 20V ~ 40V 2.0 AMP Low Vf Schottky B arrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
SP20100R11 |
Voltage 100V 20.0 Amp Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
HS-22620RH HS-2620RH HS-2622RH |
Op Amp, Dual, Wideband, High Input Impedance Uncompensated, 100MHz, 20V/s, Rad-Hard Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 500MΩ Input Impedance Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 65MΩ Input Impedance
|
Intersil
|
SCD1100 |
VOLTAGE 100V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
SBL30U100 |
Voltage 100v 30.0 Amp Low VF Trench MOS Barrier Schottky Recifier
|
SeCoS Halbleitertechnologie GmbH
|
HIP2100EIB HIP2100EIBZ HIP2100IBZ HIP2100IR HIP210 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R 2 A HALF BRDG BASED MOSFET DRIVER, DSO12 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT6221CS8PBF LT6221CS8TR LT6221CDDPBF |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
KI6968BEDQ |
Drain-Source Voltage Vds 20V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KBJ2501 KBJ2502 KBJ2510 KBJ2505 KBJ2504 KBJ2503 KB |
Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 20V; Case Size: 3.4x1.9 mm; Packaging: Tape & Reel 25A SINGLE PHASE SILICON BRIDGE RECTIFIER Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 20V; Case Size: 3.4x1.9 mm; Packaging: Tape & Reel 5A单相硅桥式整流器 25A Single-Phase Silicon Bridge Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. SEP ELECTRONIC
|