PART |
Description |
Maker |
CMAD4448 |
SURFACE MOUNT SILICON ULTRA HIGH SPEED SWITCHING DIODE
|
Central Semiconductor Corp
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N2894DCSM |
DUAL HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型PNP晶体管(高可靠性、陶瓷表贴封装)) 高速中功率开关晶体管进步党在全封闭六窑业表面贴装封装,高可靠性的应用(高速,中等功率,开关型进步党晶体管(高可靠性,陶瓷表贴封装))
|
SemeLAB SEME-LAB[Seme LAB] Lumex, Inc.
|
SMB SMBG16 SMBJ85 SMBJ58 SMBJ54 SMBJ110 SMBG150 SM |
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT From old datasheet system High Speed CMOS Logic 4-by-4 Register File 16-CDIP -55 to 125 Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Gold; Contact Termination:Crimp CANMS3470L14-5PL/C High Speed CMOS Logic Octal Transparent Latches with 3-State Output 20-CDIP -55 to 125 CANMS3470L24-19SL/C High Speed CMOS Logic Non-Inverting Hex Buffer/Line Driver with 3-State Outputs 16-CDIP -55 to 125 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 联康AMD公司的双向表面贴 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-CDIP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PV SERIES 联康AMD公司的双向表面贴 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE EIC discrete Semiconductors
|
CMHD4150 |
SURFACE MOUNT HIGH SPEED SWITCHING DIODE 0.25 A, 50 V, SILICON, SIGNAL DIODE SURFACE MOUNT HIGH SPEED SWITCHING DIODE
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
BL-HX134C BL-HW134C BL-HD034C BL-HJC34C BL-HE134C |
Bluish green, 30 mA, surface mount chip LED lamp Amber, 30 mA, surface mount chip LED lamp Pure green, 30 mA, surface mount chip LED lamp High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 4-Bit Magnitude Comparator 16-PDIP -55 to 125 4-Bit Magnitude Comparator 16-SOIC -55 to 125 SURFACE MOUNT CHIP LED LAMPS 表面贴装芯片LED节能 1-to-9 PLL Clock Driver 24-TSSOP 0 to 70 表面贴装芯片LED节能 Hi-eff red, 30 mA, surface mount chip LED lamp Yellow, 30 mA, surface mount chip LED lamp
|
YSTONE[Yellow Stone Corp] ETC[ETC] 早安股份有限公司 Yellow Stone, Corp.
|
LXML-PB01-0023 LXML-PL01-0023 LXML-PL01-0030 LXML- |
ultra-compact, surface-mount, high-power LED
|
Lumileds Lighting Company
|