PART |
Description |
Maker |
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
GS-R51212S GS-R51515S |
31W Triple Output Step-Down Switching Regulator(31W三输出降压开关稳压器) 仅有31W三输出降压开关稳压器(仅1W三输出降压开关稳压器 31W TRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS 31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
LTC1735IGN-1TR LTC1735-1-15 |
High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO16 High Efficiency Synchronous Step-Down Switching Regulator
|
Linear Technology, Corp.
|
MC3416705 MC34167TVG MC33167 MC33167D2T MC33167D2T |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5 5.0 A, Step−Up/Down/Inverting Switching Regulators
|
ONSEMI[ON Semiconductor]
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
BD9300FV-E2 |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
ROHM
|
LTC1876EG LTC1876 |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
|
Linear Technology
|
BA9743AFV11 |
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
SPI-8000A11 SPI-8010A |
Surface Mount, Separate Excitation Step-down Switching Mode 3 A SWITCHING REGULATOR, 250 kHz SWITCHING FREQ-MAX, PDSO16 HSOP-16
|
Sanken Electric Co., Ltd.
|
LT3493EDCB LT3493EDCB-PBF LT3493EDCB-TR LT3493EDCB |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|