PART |
Description |
Maker |
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
KSB564A KSB564AYTA_NL KSB564ACGBU KSB564ACGTA KSB5 |
Audio Frequency Power Amplifier 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BC369ZL1G BC368 BC368_05 BC368G BC368ZL1 BC368ZL1G |
Amplifier Transistor PNP Silicon(硅PNP放大器晶体管) 1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Voltage and Current are Negative
|
ONSEMI[ON Semiconductor]
|
2N4890 |
1000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
MICROSEMI CORP-LAWRENCE
|
BSW40 |
1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
|
UFMMTL718TA |
1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC
|
BCX53-10 |
1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
INFINEON TECHNOLOGIES AG
|
2N3868SMD05-JQRR4 2N3868SMD05 |
Bipolar PNP Device in a Hermetically sealed 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-276AA HERMETIC SEALED, CERAMIC, SMD0.5, 3 PIN
|
Seme LAB TT electronics Semelab, Ltd.
|
2N3636.MODE4 |
1000 mA, 175 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
SEMELAB LTD
|
BC368 BC368ZL1 BC369ZL1G BC368ZL1G BC369 BC369ZL1 |
Amplifier Transistors 1000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors 1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Plastic Transistor
|
ONSEMI[ON Semiconductor]
|
|