PART |
Description |
Maker |
MMBD914B MMBD1401 MMBD1402 MMBD1403 MMBD1404 MMBD1 |
Surface mount switching diode. Max forward voltage 1.00V at 10mA. SURFACE MOUNT SWITCHING DIODES 表面贴装开关二极管 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
Jinan Gude Electronic Device Co., Ltd. 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic Devic... Jinan Gude Electronic D...
|
SPC-03-ELR-43CDFM SPC-03-ELR-55CDFM SPC-03-ELR-51C |
FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1558nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1525-1538nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1445-1458nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE
|
Infineon Technologies AG SPC Technology
|
BCX70G BCX70 BCX70K BCX70H BCX70J |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Surface mount Si-Epitaxial PlanarTransistors
|
Diotec Semiconductor AG
|
AM29C833PC AM29C833A/B3A AM29C853A/B3A AM29C853/B3 |
60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package; JANS Certified version of the IRHF57034 with optional Total Dose Rating of 300kRads -200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-204AE package; Similar to IRH9250 with optional Total Dose Rating of 300kRads 60V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-205AF package; A IRHLF7970Z4 with Standard Packaging 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA57260 with optional Total Dose Rating of 300kRads 150V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a Low-Ohmic TO-257AA package also available with Total Dose Rating of 300kRads; A IRHYS67134CM with Standard Packaging 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package; Similar to IRHF57130 with optional Total Dose Rating of 500kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA Tabless package; Similar to IRHMJ7250 with optional Total Dose Rating of 500kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA57260 with optional Total Dose Rating of 1000kRads -30V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a Low-Ohmic TO-257AA package; Similar to IRHYS597Z30CM with optional Total Dose Rating of 300kRads 位总线收发 60V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a UB Surface Mount package; A IRHLUB7970Z4 with Standard Packaging 位总线收发 Single 8-bit Bus Transceiver 位总线收发 -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package; A IRHM9130 with Standard Packaging 位总线收发
|
Vectron International, Inc. Advanced Micro Devices, Inc. EPCOS AG 3M Company
|
SIMS26 |
6 or 8 Pin Surface Mount SIM Connector With Optional Post
|
Major League Electronics
|
SIMS48 |
6 or 8 Pin Surface Mount SIM Connector With Optional Post
|
Major League Electronics
|
BL-PSW-USD-C20 BL-PSW-USD-C10 BL-PSW-SSD-C10 BL-PS |
SINGLE COLOR LED, TRUE GREEN, 2.5 mm SINGLE COLOR LED, BLUE, 2.5 mm SURFACE MOUNT PACKAGE-2 SINGLE COLOR LED, WHITE, 2.5 mm SURFACE MOUNT PACKAGE-2 InGaN BIKINI High brightness surface mount LED.
|
AMERICAN BRIGHT OPTOELECTRONICS CORP American Bright Optoelectronics, Corp. BRIGHT LED ELECTRONICS CORP
|
MMSZ6V2BW MMSZ4V7BW MMSZ24VBW MMSZ75VBW MMSZ36VBW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics ...
|
MMSZ2V4BW09 MMSZ10VBW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics (Hol...
|
BL-PDW-UJD-C20 BL-PDW-UJD-C10 BL-PDW-SJD-C10 BL-PD |
DomiLED InGaN High brightness surface mount LED. SINGLE COLOR LED, CYAN, 2.4 mm 2.80 X 3.20 MM, 1.80 MM HEIGHT, SURFACE MOUNT PACKAGE-2 SINGLE COLOR LED, BLUE, 2.4 mm 2.80 X 3.20 MM, 1.80 MM HEIGHT, SURFACE MOUNT PACKAGE-2 SINGLE COLOR LED, TRUE GREEN, 2.4 mm
|
BRIGHT LED ELECTRONICS ... BRIGHT LED ELECTRONICS CORP American Bright Optoelectronics, Corp. AMERICAN BRIGHT OPTOELECTRONICS CORP
|
BL-PPR-SES-C10 |
SINGLE COLOR LED, RED, 3.3 mm 6 X 6 MM, 1.50 MM HEIGHT, SURFACE MOUNT PACKAGE-2 NOVALED AlInGaP Super high brightness surface mount LED.
|
American Bright Optoelectronics, Corp. BRIGHT LED ELECTRONICS CORP
|
1.5SMC300A-E3-57T 15SMCSERIES 1.5SMC510A 1.5SMC6.8 |
Surface Mount TRANSZORB? Transient Voltage Suppressors Low profile package TVS SGL BI-DIR 136V 1.5KW 2PIN SMC - Tape and Reel Surface Mount TRANSZORB Transient Voltage Suppressors Surface Mount TRANSZORB Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Low profile package
|
Vishay Siliconix Vishay Semiconductors
|
|