PART |
Description |
Maker |
NU-73C94C-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver
|
Optoway Technology Inc
|
NU-73H74H-RG NU-73H74H-PG |
3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver 3.3.25 Gbps310纳米突发模式德克萨斯 1.25 Gbps490纳米连续收发2X5 SFF封装,GE - PON的个1000BASE - PX20 - ü的ONU收发
|
Optoway Technology Inc. Optoway Technology, Inc.
|
NU-73C94C-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver 3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - TG.984.2 CG - PON的ONU的收发器
|
Optoway Technology Inc.
|
SPL-94B73B-WG |
ITU-T G.984.2 G-PON CLASS B Digital Diagnostic SC SFP OLT Transceiver 3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX / 1.244 Gbps 1310 nm Burst-Mode RX
|
Optoway Technology Inc
|
SML-LX2832DRC-TR |
2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
|
LUMEX INC.
|
DS1877TTR |
SFP Controller for Dual Rx Interface
|
MAXIM - Dallas Semiconductor
|
DS1874 DS1874T DS1874TTR |
SFP Controller with Digital LDD Interface
|
Maxim Integrated Products
|
DS1876 DS1876T DS1876TTR |
SFP Controller with Dual LDD Interface
|
Maxim Integrated Products
|
FTM-9412S-F20DCG FTM-9412S-F20IDCG FTM-9412S-F20G |
2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G 2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
|
Source Photonics, Inc.
|
74441-0001 0744410001 |
0.80mm (.031") Pitch SFP, SFP Plus (SFP ) Host Connector, Z-Axis Pluggable, RightAngle, SMT, 20 Circuits, 0.38渭m (15渭") Gold (Au) 0.80mm (.031) Pitch SFP, SFP Plus (SFP ) Host Connector, Z-Axis Pluggable, RightAngle, SMT, 20 Circuits, 0.38μm (15μ) Gold (Au)
|
Molex Electronics Ltd.
|