PART |
Description |
Maker |
SF-0402S400M-2 |
Slow Blow Multilayer Surface Mount Fuses
|
Bourns Electronic Solut...
|
SF-0402S050 SF-0402S050-2 SF-0402S400 SF-0402S250 |
SF-0402S Series - Slow Blow Surface Mount Fuses
|
Bourns Electronic Solutions Bourns Electronic Solut...
|
1206SFS350F/32 |
SLOW BLOW ELECTRIC FUSE, 3.5A, 32VDC, 50A (IR), SURFACE MOUNT
|
|
SST625 SST750 SST6.3 SST5 SST1 |
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
|
Bel Fuse Inc.
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
PF1206S4.5 PF1206S1.25 PF1206S5.5 PF1206S3.5 PF120 |
slow blow chip fuses
|
Protek Devices
|
5TT125-R 5TTP1.6-R |
Fuses, RoHS 125mA 250V SB UL GLASS 5X20 SLOW BLOW ELECTRIC FUSE, 0.125A, 250VAC, 100A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V SB UL GLAS LEAD SLOW BLOW ELECTRIC FUSE, 1.6A, 250VAC, 100A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
C1Q1.25 |
Surface Mount Very Fast-Acting Chip Fuse VERY FAST BLOW ELECTRIC FUSE, 1.25A, 125VAC, 63VDC, 100A (IR), SURFACE MOUNT
|
Bel Fuse, Inc.
|
CDR11BP100AGYS CDR11BP101AGYS CDR11BP102AGYS CDR11 |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.00075 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.000075 uF, SURFACE MOUNT CHIP CAP 2200PF 50V 5% X7R SMD-1111 WAFFLE-PAK BASE/BARR/SOLDER MICROWAVE R-MIL-PRF-55681 CAPACITOR, CERAMIC, MULTILAYER, 50 V, BP, 0.0022 uF, SURFACE MOUNT
|
AVX, Corp.
|
313225P 315225P 313.800P 315.031P 313100P |
Axial Lead and Cartridge Fuses SLOW BLOW ELECTRIC FUSE, 0.8A, 250VAC, 35A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 0.031A, 250VAC, THROUGH HOLE Axial Lead and Cartridge Fuses
|
Littelfuse, Inc.
|
0606-2000-33 0606-1000-33 0606-0062-33 0606-0300-3 |
Slow Blow Fuse Series
|
Bel Fuse Inc.
|
|