PART |
Description |
Maker |
KM732N KM729N |
10mm ADJUSTABLE RF COILS (SHIELDED) 10mm ADJUSTABLE RF COILS (SHIELDED)
|
Frontier Electronics.
|
142-06J08SL 144-06J12L 143-16J12SL 142-06J08L 143- |
RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.22 uH - 0.248 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.193 uH - 0.306 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.638 uH - 0.801 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.275 uH - 0.355 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.315 uH - 0.423 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.115 uH - 0.121 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.382 uH - 0.422 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.391 uH - 0.493 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.355 uH - 0.477 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.693 uH - 0.846 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
B81130-C1154-M B81130-C1103-M B81130-C1105-M B8113 |
KONDENSATOR X2 RASTER 15MM 150NF KONDENSATOR X2 RASTER 10MM 10NF KONDENSATOR X2 RASTER 27.5MM 1000NF KONDENSATOR X2 RASTER 15MM 100NF KONDENSATOR X2 RASTER 27.5MM 1500NF KONDENSATOR X2 RASTER 10MM 22NF KONDENSATOR X2 RASTER 10MM 33NF KONDENSATOR X2 RASTER 22.5MM 330NF KONDENSATOR X2 RASTER 27.5MM 2200NF KONDENSATOR X2 RASTER 15MM 47NF KONDENSATOR X2栅格15毫米47NF KONDENSATOR X2 RASTER 10MM 47NF KONDENSATOR X2栅格10毫米47NF KONDENSATOR X2 RASTER 22.5MM 470NF KONDENSATOR X2栅格22.5毫米470NF KONDENSATOR X2 RASTER 27.5MM 680NF KONDENSATOR X2栅格27.5毫米680NF KONDENSATOR X2 RASTER 10MM 15NF KONDENSATOR X2栅格10毫米15NF KONDENSATOR X2 RASTER 27.5MM 470NF KONDENSATOR X2栅格27.5毫米470NF KONDENSATOR X2 RASTER 15MM 68NF KONDENSATOR X2栅格15毫米68NF
|
KEMET Corporation EPCOS AG TE Connectivity, Ltd.
|
DC0000096 |
Messerleiste 10mm SMD, 50 polig Male 10mm SMD, 50 contacts
|
ERNI Electronics
|
MT4133-HR MT4133-O MT1133-RG MT1233-RG MT3133-Y MT |
Marktech Standard 10mm LEDs Standard 10mm LED Lamps
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
SPD125R-334M SPD127R-334M SPD125-334M SPD127-334M |
INDUCTOR PWR SHIELDED 330UH SMD 1 ELEMENT, 330 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 82UH SMD 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 47UH SMD 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Shielded Surface Mount Inductors INDUCTOR PWR SHIELDED 22UH SMD 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 15UH SMD 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 180UH SMD 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 68UH SMD
|
API Delevan
|
DA04-11EWA DA04-11GWA DA04-11HWA DA04-11SRWA DA04- |
10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 10 mm 10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS 7 SEG NUMERIC DISPLAY, SUPER BRIGHT RED, 10 mm 10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS 7 SEG NUMERIC DISPLAY, GREEN, 10 mm Access Control Composite Cable; Composite Conductor Types:10 Conductors 3 Pairs; Number of Conductors:16; Conductor Size AWG:22-18; No. Strands x Strand Size:7 x 30, 7 x 26; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
Kingbright Electronic Kingbright Corporation. Kingbright, Corp.
|
NCV47711PDAJR2G |
5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
|
ON Semiconductor
|
FAN1581T FAN1581 FAN1581D15X FAN1581D25X FAN1581DX |
From old datasheet system 5A Adjustable/Fixed Ultra Low Dropout Linear Regulator 1.237 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 5A Adjustable Low Dropout Voltage Regulator (LDO) 1.25 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
|