PART |
Description |
Maker |
MSB20A |
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
|
HY ELECTRONIC CORP.
|
MURS260-A |
Super Fast Recovery Pack: SMA SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE拢潞600V CURRENT拢潞 2.0A SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE?00V CURRENT 2.0A
|
Gulf Semiconductor
|
3SMC8.0CA 3SMC8.5CA 3SMC85CA 3SMC6.0CA 3SMC6.5CA 3 |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?.0V,????荤???????????靛?????? Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电9.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Vishay Intertechnology, Inc. Central Semiconductor, Corp. Central Semiconductor Corp.
|
60S05-13 |
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts Glass Passivated Chip
|
Micro Commercial Compon...
|
1.5KE350 1.5KE7.5 1.5KE100 1.5KE400 1N6300 15KE 1. |
160 V, 1500 W, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 玻璃钝化结瞬态电压抑制器 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TSSOP -40 to 85 220 V, 1 mA, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
|
TRANSYS Electronics Limited Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS http:// List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
S1MB-13-F S1AB-13-F S1KB-13-F |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE RECTIFIER STANDARD SINGLE 1A 800V 800 30A-ifsm 5uA-ir 1.1V-vf SMB 3K/REEL 1 A, 800 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
DFLR1800 DFLR1800-7 |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Diodes Incorporated
|
S1MB-13-F S1A S1A_1 S1A-13-F S1AB S1AB-13-F S1M S1 |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
S3A_1 S3A S3A-13-F S3AB S3AB-13-F S3M S3M-13-F S3M |
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
DIODES[Diodes Incorporated]
|