PART |
Description |
Maker |
RT-375-1/16-X-4FT RNF-100-1/2-5-4FT RNF-100-3/8-5- |
Metal Film Resistor - RN 1/4 T2 590K 1% A HEAT SHRINK WHT 1.2M HEAT SHRINK CLR 1.2M 热缩CLR120 HEAT SHRINK BLK 1.2M 热缩120万座 HEAT SHRINK YEL 1.2M 热缩杨氏120 HEAT SHRINK BLU 1.2M 热缩背光120 HEAT SHRINK RED 1.2M 热缩120 HEAT SHRINK GRN 1.2M 热缩GRN 120 HEAT SHRINK CLR 1.2M 热缩CLR20
|
CTS, Corp. Euroquartz, Ltd. TE Connectivity, Ltd. NIC Components, Corp.
|
SR820R |
Schottky barrier rectifier. Case negative. Maximum recurrent peak reverse voltage 20 V. Maximum average forward rectified current 8.0 A.
|
Bytes
|
LKP5660-6PDDT LKP5660-6PDDTB1 LKP5660-6EPD5 LKP566 |
2-OUTPUT 250 W AC-DC PWR FACTOR CORR MODULE HEAT SINK, METAL, CASE K02, MODULE 2-OUTPUT 250 W AC-DC PWR FACTOR CORR MODULE METAL, CASE K02, MODULE
|
Power-One, Inc. OSRAM GmbH POWER-ONE INC
|
PC1-1CB |
HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
|
List of Unclassifed Manufac...
|
592D |
Solid Tantalum Chip Capacitors, TANTAMOUNT ? , Low Profile, Conformal Terminals, Maximum C/V, Extended Range Offerings, New A Case Size Offering
|
Vishay
|
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|
LPC1902-9D LPC1901-9D |
1-OUTPUT 230 W AC-DC PWR FACTOR CORR MODULE METAL, CASE Q03, MODULE 1-OUTPUT 190 W AC-DC PWR FACTOR CORR MODULE METAL, CASE Q03, MODULE
|
Power-One, Inc.
|
ATS-1040-C2-R0DS |
maxiFLOW Cross Cut High Performance Heat Sinks with Metal Push Pin
|
Advanced Thermal Solutions, Inc.
|
JEPS-16-1W-75 |
10 MHz - 800 MHz RF/MICROWAVE COMBINER, 4 dB INSERTION LOSS METAL, CASE BL372, 24 PIN 10 MHz - 800 MHz RF/MICROWAVE COMBINER, 4 dB INSERTION LOSS ROHS COMPLIANT, METAL, CASE BL372, 24 PIN
|
Mini-Circuits
|
BUY82X |
NPN SILICON PLANER EPITAXIAL TRANSISTOR IN HERMETICALLY SEALED METAL CASE
|
Seme LAB
|
FLT012A0 FLT012A0SZ FLT012A0Z |
75Vdc Input Voltage Maximum; 12A Output Current Maximum
|
Lineage Power Corporation
|