PART |
Description |
Maker |
MAX6037CAUK41 MAX6037CAUKADJ MAX6037 MAX6037AAUK12 |
Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23 GT 16C 16#16 PIN PLUG 低功耗,固定和可调参考关机采用SOT23 Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23 1-OUTPUT THREE TERM VOLTAGE REFERENCE, PDSO5 Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23 低功耗,固定和可调参考关机采用SOT23
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
2082 2082-6024-23 2082-4384-30N 2082-6023-13 2082- |
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Evaluation Kit for the MAX3663 QPL Fixed Coaxial Attenuators 七匹狼固定同轴衰减器 SMA Fixed Coaxial Attenuators Subminiature 形状记忆合金微型固定同轴衰减 0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Amphenol, Corp. Dialight PLC Weidmuller, Corp. Air Cost Control Vishay社区 XMA CORP
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
TC2117 TC2117-3.3VDBTR TC2117-3.3VEBTR TC2117-1.8V |
The TC2117 is a fixed, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... 800mA Fixed Low Dropout Positive Regulator
|
Microchip Technology
|
PQ025EF01SZH PQXXXEF01SZH PQ015EF01SZH PQ018EF01SZ |
2.5 V FIXED POSITIVE REGULATOR, PSFM4 TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
|
SHARP ELECTRONICS CORP SHARP[Sharp Electrionic Components]
|
LP2950CZ-3.0G LP2950ACZ-3.0RA LP2950CZ-3.3G LP2950 |
100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3
|
ON Semiconductor
|
R1120N501B-TL R1120N301A-TL R1120N501ATR R1120N501 |
LOW NOISE 150mA L.D.O REGULATOR FIXED POSITIVE LDO REGULATOR, PDSO5 CAP 0.27UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 FIXED POSITIVE LDO REGULATOR, PDSO5 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 LOW NOISE 150mA L.D.O REGULATOR 低噪50mA的LDO稳压
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
MAX6037AAUK30T MAX6037BAUK33 MAX6037CAUK30 MAX6037 |
Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
|
MAXIM - Dallas Semiconductor
|
LT1109A-12 LT1109-12 LT1109 LT1109CS8-12TRPBF |
From old datasheet system Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V Micropower Low Cost DC/DC Converter-Fixed 12V Micropower DC/DC Converter Flash Memory VPP Generator, Fixed 12V
|
LINEAR TECHNOLOGY CORP
|