PART |
Description |
Maker |
PDU620CT-13 PDU620CT PDU620CT1 PDU620CT-15 |
Discrete - Rectifiers (0.5A and higher) - Fast / Super-Fast / Ultra-Fast Recovery Rectifiers 6A DUAL ULTRA-FAST RECOVERY RECTIFIER 6A DUAL ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
|
Diodes Incorporated
|
FFPF15U20DP FFPF15U20DPTU |
15A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER Fast Recovery Power Rectifer(平均整流电流15A快速恢复功率整流器) 15 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
CR6AF8GPP CR6AF10GPP CR6AF1GPP CR6AF2GPP CR6AF4GPP |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
1N4933G2 1N4935 1N4935G-T 1N4936G-T 1N4933G-T 1N49 |
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes Incorporated
|
RS3A RS3XB-13-F RS3X-13-F RS3D-13-F RS3MB-13-F RS3 |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 1.3V-vf 150ns 5uA-ir SMC 3K/REEL-13 3 A, 200 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 3 A, 1000 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 800V 100A-ifsm 1.3V-vf 500ns 5uA-ir SMC 3K/REEL-13 3 A, 800 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
FFPF06U20DP FFPF06U20DPTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 6A/200V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
FFAF30U20DN FFAF30U20DNTU F30U20DN |
FFAF30U20DN 30A/200V Ultra Fast Recovery Rectifier Ultrafast Recovery Power Rectifier 30 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|