PART |
Description |
Maker |
STLVD210 |
DIFFERENTIAL LVDS CLOCK DRIVER
|
ST Microelectronics
|
STLVD11107 STLVD111BFR STLVD111 |
Programmable low voltage 1:10 differential LVDS clock driver
|
STMICROELECTRONICS[STMicroelectronics]
|
MC100LVE222 MC100LVE222FAR2 ON0511 MC100LVE222FA |
0.345A, 2.7-5.5V Quad (2In/ 4Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 16-SOIC 0 to 85 Low Voltage 1:15 Differential ±1±2 ECL/PECL Clock Driver From old datasheet system MARKING DIAGRAM Low Voltage 1:15 Differential 12 ECL/PECL Clock Driver Low Voltage 1:15 Differential ÷1÷2 ECL/PECL Clock Driver
|
ONSEMI[ON Semiconductor]
|
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
NB100LVEP224FAG |
2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 100LVE SERIES, LOW SKEW CLOCK DRIVER, 24 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP64
|
ON Semiconductor
|
CAT33C108SI CAT33C108SI-TE13 CAT33C108K-TE13 CAT33 |
Clock Generator for Intel® Alviso Chipset 200-MHz Differential Clock Buffer/Driver 微型导线串行EEPROM Clock Synthesizer with Differential CPU Outputs 微型导线串行EEPROM Clock Generator for Intel® Alviso Chipset Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
|
Abracon, Corp.
|
VC-707-EDW-FA VC-707-EDE-KA VC-707-ECE-FA VC-707-E |
LVPECL, LVDS Crystal Oscillator Data Sheet CRYSTAL OSCILLATOR, CLOCK, 312 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 446 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 270 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 644.5313 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 446 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 666.5413 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 332 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 622.08 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 320 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 350 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 779.5686 MHz, LVPECL OUTPUT
|
Vectron International, Inc http://
|
MC100ES8014 |
Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
|
Integrated Device Technology
|
CY2DL15041105 |
1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
|
Cypress Semiconductor
|