PART |
Description |
Maker |
LM293107 LM2931CDR2 LM2931CDR2G LM2931ADT-5.0G LM2 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
|
ONSEMI[ON Semiconductor]
|
LM2931 LM2931A NCV2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection(100mA,可调输出,带有60V负载保护的低压差稳压
|
ON Semiconductor
|
GS1085CM GS1085CE GS1085CT3.3 |
IC VREG ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, POWER, TO-263AB, D2PAK-3/2, Adjustable Positive Single Output LDO Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Vishay Semiconductors
|
NCV4269D1R2 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
BDXXKA5FP BD12KA5F BD12KA5WF BD12KA5WFP BD12KA5FP |
500mA Secondary LDO Regulators for Local Power Supplies 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO4 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO2
|
Rohm
|
A440212 |
The A4402 is a dual-output regulator, combining in a single package a constant on-time buck regulator and a linear regulator (LDO)―each with adjustable output voltages.
|
Allegro MicroSystems
|
MAX4832 MAX4833 MAX4832EUT18D1 MAX4832ETT18D1 MAX4 |
3.0 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 From old datasheet system 100mA LDO Linear Regulators with Current-Limiting Switch 3.3 V, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, 100 mA LDO regulator with current-limiting switch
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
NCV8502D100R2 NCV8502PDW100R2 NCV8502DADJ NCV8502P |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG 1.242 V-1.318 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
NCV47711PDAJR2G |
5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
|
ON Semiconductor
|
BYT52A BYT52M BYT52 BYT52B BYT52D BYT52G BYT52J BY |
INNOLINE: RP75-xxxxSB - Single Outputs up to 25A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x INNOLINE: RP75-S_DI - Single Output up to 20A Dual Outputs Total Current up to 15A up to 100% Load Imblance- Input/Output 1.6kVDC Isolation Fast Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Telefunken Vishay Siliconix
|
|