PART |
Description |
Maker |
TDA19988AET |
Low power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8-bit video inputs, HDCP and CEC support TDA19988AET/C1<SOT962-3 (TFBGA64)|<<http://www.nxp.com/packages/SOT962-3.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
TDA9983B |
HDMI Transmitter Up To 150 MHz Pixel Rate
|
Philips Semiconductors
|
TDA9989 TDA9989ET |
150 MHz pixel rate HDMI 1.3a transmitter with 3 垄楼 8-bit video inputs and CEC support 150 MHz pixel rate HDMI 1.3a transmitter with 3 ′ 8-bit video inputs and CEC support
|
NXP Semiconductors
|
TDA9983BHW_15_C1 TDA9983BHW_8_C1 TDA9983B TDA9983B |
HDMI transmitter up to 150 MHz pixel rate with 3 垄楼 8-bit video inputs and 4 垄楼 I2S-bus with S/PDIF HDMI transmitter up to 150 MHz pixel rate with 3 ′ 8-bit video inputs and 4 ′ I2S-bus with S/PDIF
|
NXP Semiconductors N.V.
|
TDA9983AHW_15_C1XX TDA9983AHW_8_C1XX TDA9983A TDA9 |
HDMI transmitter up to 150 MHz pixel rate with 3 垄楼 8-bit video inputs and 4 垄楼 I2S-bus with S/PDIF HDMI transmitter up to 150 MHz pixel rate with 3 ′ 8-bit video inputs and 4 ′ I2S-bus with S/PDIF
|
NXP Semiconductors
|
STV9211 |
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
|
STMicroelectronics
|
AMFW-7S-122128-100P2 AMFW-7S-117128-65B AMFW-5S-12 |
8000 MHz - 8400 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 3700 MHz - 4200 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 7250 MHz - 7750 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 9600 MHz - 9800 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 12200 MHz - 12750 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 11700 MHz - 12750 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 12200 MHz - 12750 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 7200 MHz - 7800 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 11400 MHz - 12200 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
M65KA512AB8W3 M65KA512AB |
512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
|
STMICROELECTRONICS[STMicroelectronics]
|
CM150TU-12F |
Trench Gate Design Six IGBTMOD?/a> 150 Amperes/600 Volts Trench Gate Design Six IGBTMOD⑩ 150 Amperes/600 Volts 240 x 128 pixel format, CFL Backlight with power harness
|
POWEREX[Powerex Power Semiconductors]
|
S10141-1107S S10141-1108S S10140-1108 S10140-1007 |
Low readout noise, high resolution (pixel size: 12 ..m) IMAGE SENSOR-CCD, 2068(H) X 128(V) PIXEL, 12-18V, RECTANGULAR, THROUGH HOLE MOUNT
|
Hamamatsu Corporation
|
SPX2920U-3.3 SPX2920U3-3.3 SPX2920U3-5.0 SPX2920U5 |
320 x 240 pixel format, CFL backlight available with power harness 240 x 64 pixel format, CFL, LED, or EL Backlight available 400mA Low Drop Out Voltage Regulator with Shutdown, 1%
|
SIPEX[Sipex Corporation]
|
MAPD-009673-C2DA40 |
5 MHz - 1000 MHz RF/MICROWAVE SPLITTER, 2.2 dB INSERTION LOSS ROHS COMPLIANT, SM-150, 6 PIN 2 Way Power Divider 5 to 1000 MHz
|
M/A-COM Technology Solutions, Inc.
|