PART |
Description |
Maker |
CDPH4D19F06 CDPH4D19FNP-4R7MC CDPH4D19FNP-3R3MC CD |
INDUCTOR 15UH 0.66A SHIELD SMD 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47UH 0.36A SHIELD SMD 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 33UH 0.43A SHIELD SMD 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS
|
Sumida, Corp. Sumida Corporation
|
PM105SB-470L-RC |
Power Inductor; Series:PM105SB; Inductance:47uH; Inductance Tolerance: /- 15 %; Self Resonant Frequency:11MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:1A; DC Resistance Max:0.14ohm
|
BOURNS INC
|
LAL02TB151K LAN02TAR18K LAL03TB470K LAN02Z271J LAL |
Extremely reliable inductors that are ideal for automatic insertion. AXIAL LEADED INDUCTORS
|
Taiyo Yuden (U.S.A.), Inc List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
8403-330 8403-331 8403-XXX 8403-150 8403-471 8403- |
Inductors Surface Mount Drum Core Power Inductors
|
Filtran Ltd.
|
8404-100 8404-22G 8404-330 8404-XXX 8404-331 8404- |
Inductors Surface Mount Drum Core Power Inductors
|
FILTRAN[Filtran LTD]
|
8402-XXX 8402-010 8402-015 8402-681 8402-022 8402- |
Inductors Surface Mount High Current Power Inductors
|
FILTRAN[Filtran LTD]
|
8403-221 8403-XXX 8403-220 8403-150 8403-151 8403- |
Inductors Surface Mount Drum Core Power Inductors
|
FILTRAN[Filtran LTD]
|
0603HP-16NXL 0603HP-R20XGLW 0603HP-R20X-L- 0603HP- |
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ?as high as 16 GHz Chip Inductors - 0603HP Series
|
Coilcraft lnc.
|
1812LS-563XJL 1812LS-564XJL 1812LS-564XJLD 1812LS- |
Highest inductance values of all our chip inductors, Ferrite construction for high current handling Chip Inductors 1812LS Series
|
Coilcraft lnc.
|
ELJFQF12NJF ELJFQF6N8JF ELJFQF10NJF ELJFQF15NJF EL |
Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
F1750-012-113 F1750-012-112 |
Suppression Inductors, VHF Inductors
|
Vishay Intertechnology,Inc.
|
ELJRE2N7FA ELJRE4N7FA ELJRF2N7FB ELJRF4N7FB ELJRF5 |
High Frequency Use Non Magnetic Core RF RE ND NC NA Fixed Inductors (Chip Inductors) High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|