PART |
Description |
Maker |
AUIRF1404Z AUIRF1404ZL AUIRF1404ZS |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 160 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRLS3034PBF IRLSL3034PBF IRLS3034TRLPBF IRLS3034PB |
HEXFET Power MOSFET 195 A, 40 V, 0.0017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IRF9Z34-001PBF IRF9543-003PBF IRF9543-005PBF IRF95 |
18 A, 60 V, 0.14 ohm, P-CHANNEL, Si, POWER, MOSFET 16 A, 80 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 80 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 9.7 A, 60 V, 0.28 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 500 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET 2.1 A, 1000 V, 6.7 ohm, N-CHANNEL, Si, POWER, MOSFET 2.8 A, 800 V, 3.8 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 19 A, 80 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET 7 A, 450 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET 1.7 A, 400 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Vishay Intertechnology, Inc. Intersil, Corp. VISHAY INTERTECHNOLOGY INC
|
SI4410DYPBF SI4410DYTRPBF |
N-Channel MOSFET 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SO-8 HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
Hypertronics, Corp. International Rectifier
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
IRLU8743PBF IRLR8743PBF |
160 A, 30 V, 0.0031 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFBA90N20DPBF |
95 A, 200 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-273AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFBA22N50APBF |
24 A, 500 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-273AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
|