PART |
Description |
Maker |
MAX3188 MAX3188EUT-T MAX3188-MAX3189 MAX3189EUT-T |
1Mbps, 1µA RS-232 Transmitters in SOT23-6 1Mbps, 1μA RS-232 Transmitters in SOT23-6 1Mbps, 1A RS-232 Transmitters in SOT23-6 1Mbps 1A RS-232 Transmitters in SOT23-6 1Mbps, 1レA RS-232 Transmitters in SOT23-6 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3180 MAX3180EUK-T MAX3181EUK-T MAX3182EUK-T MAX |
3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 " 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 From old datasheet system 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3311 MAX3311CUB MAX3311EUB MAX3311-MAX3313 MAX3 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX LINE TRANSCEIVER, PDSO10 Quad LVDS Receiver with -4 to 5V Common-mode Range 16-TSSOP -40 to 85 Dual LVDS Receiver with -4 to 5V Common-mode Range 8-SOIC -40 to 85 460kbps, 1μA Supply Current, RS-232-Compatible Transceivers in μMAX 460kbps, 1A Supply Current, RS-232-Compatible Transceivers in MAX " 460kbps, 1?A Supply Current, RS-232-Compatible Transceivers in ?MAX" 460kbps 1A Supply Current RS-232-Compatible Transceivers in MAX 460KBPS, 1ヌA SUPPLY CURRENT, RS-232-COMPATIBLE TRANSCEIVERS IN ヌMAX 460kbps, 1レA Supply Current, RS-232-Compatible Transceivers in レMAX 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX 460kbps / 1A Supply Current / RS-232-Compatible Transceivers in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962-9213206MYA 5962-9213206MVA 5962-9213206MXA 59 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors x4 Fast Page Mode DRAM x4快速页面模式的DRAM 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus x4快速页面模式的DRAM
|
Vicor, Corp. Amphenol, Corp.
|
3310-232.5 |
KR Electronics part number 3310-232.5 is a 232.5 MHz Band-pass filter
|
KR Electronics, Inc.
|
ADAM-4541 ADAM-4542 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Fiber Optic to RS-232/422/485 Converter
|
Electronic Theatre Controls, Inc. Unknow ETC List of Unclassifed Manufacturers
|
HIN232 HIN236 HIN237 HIN238 HIN232CB-T HIN232CBZ |
5V Powered RS-232 Transmitters/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容
|
Integrated Silicon Solution, Inc.
|
ML145403 ML145403-6P ML145403DW ML145403P ML145403 |
Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
|
http:// LANSDALE Semiconductor Inc.
|
MCM-7314 LPM-7312 LPM-7314 MCM-7312 |
From old datasheet system Four independent, RS-232-C, Full-duplex, Serial Communications Channels. 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ADM3311E ADM3307E ADM3315E ADM3310E ADM3312E |
ADM3307E/ADM3310E-12E/3315E:15 kV ESD Protected. 2.7V to 3.6V Serial Port Transceivers with Green IdleDS (Rev.F. 8/02) 2.7V Serial Port RS-232 Transceiver (5 Drivers / 3 Receivers) with 15kV ESD (TTL & RS-232) 3-V, RS-232 Serial Port Driver-Receiver 2.7 V Serial Port RS-232 Transceiver (3 Drivers / 5 Receivers) with 15kV ESD 2.7V Serial Port RS-232 Transceiver (3 Drivers / 3 Receivers) with 15kV ESD
|
Analog Devices
|
ADM3101E ADM3101EACPZ |
3.3 V, Single Channel RS-232 Line Driver/Receiver
|
Analog Devices
|
ADM3101E |
Single Channel RS-232 Line Driver / Receiver
|
Analog Devices
|