PART |
Description |
Maker |
2SC4703 2SC4703NE46234 2SC4703SH |
MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MICROWAVE LOW NOISE LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MICROWAVE LOW NOISE/ LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT
|
NEC[NEC] NEC Corp.
|
AD8652ARMZ-R2 AD8652ARZ-REEL7 AD8651AR-REEL7 |
50 MHz/ Precision/ Low Distortion/ Low Noise CMOS Amplifiers AB 26C 26#16 SKT RECP 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers OP-AMP, 1700 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
LT1993IUD-4 LT1993CUD-4 LT1993CUD-4TRPBF |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
|
Linear Technology, Corp.
|
LTC6401-8 LTC6401CUD-8-PBF LTC6401CUD-8-TRPBF LTC6 |
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
|
Linear Technology, Corp.
|
LTC6401IUD-20TRPBF LTC6401CUD-20TRPBF LTC6400-20 |
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF 1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF 1.3GHz的低噪声,低失真差分ADC驱动器为140MHz的中
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC6410-6 LTC6410CUD-6-PBF LTC6410CUD-6-TRPBF LTC6 |
Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
|
Linear Technology
|
LT6402-20 |
300MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver
|
Linear Technology Corporation
|
LT1993CUD-2 LT1993CUD-2TRPBF |
800MHz Low Distortion, Low Noise Differential Amplifier ADC Driver (Av = 2V/V)
|
Linear Technology
|
LT1993-4 |
900MHz Low Distortion - Low Noise Differential Amplifier/ADC Driver
|
Linear Technology
|
MT3S111 |
VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
|
Toshiba Semiconductor
|
AD8022 AD8022AR-REEL AD8022AR-REEL7 |
Dual Low Noise, Low Distortion, High Speed Amplifier
|
Analog Devices
|
MAX9627ATC MAX9626ATC |
Low-Noise, Low-Distortion, 1.35GHz Fully Differential Amplifiers
|
Maxim Integrated Products
|