PART |
Description |
Maker |
NCP4543 |
NCP4543 Datasheet - ecoSWITCH™ Advanced Load Management: 7.3A Integrated Load Switch w/ Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-6V, Adj. Slew Rate, Adj. Discharge, Adj. Turn-On Delay
|
ON Semiconductor
|
APW8715 |
High Input Voltage 6A PWM Converter With Adj. Soft Start
|
Anpec Electronics Corop...
|
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
MCP1252T-ADJI/MS |
The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip
|
NCP45560 |
NCP45560 Datasheet - ecoSWITCH™ Advanced Load Management: 23A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out, Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
LT1173 LT1173-12 LT1173-5 LT1173CN8 LT1173CN8-12 L |
Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V Micropower DC/DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
LT1944-1 LT1944 LT1944EMS LT1944-15 |
Dual 180mA Micropower Step-Up DC/DC Converter Dual Micropower Step-Up DC/DC Converter
|
Linear Technology
|
ALD1801A ALD1801ADC ALD1801APC ALD1801ASC ALD1801B |
8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
|
ALD[Advanced Linear Devices] Advanced Linear Devices, Inc.
|