PART |
Description |
Maker |
FP50R12KE3 FP75R12KE3 |
Elektrische Eigenschaften / Electrical properties 75 A, 1200 V, N-CHANNEL IGBT Elektrische Eigenschaften / Electrical properties 105 A, 1200 V, N-CHANNEL IGBT
|
EUPEC GMBH ?CO KG
|
BSM15GP60 |
Elektrische Eigenschaften / Electrical properties
|
Infineon Technologies AG
|
FF600R16KF4 |
Maximum rated values / Electrical properties
|
eupec GmbH
|
744761156C |
Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently
|
Wurth Elektronik GmbH &...
|
JQ1A-12V JQ1P-XX JQ1AP-12V JQ1AP-18V JQ1AP-24V JQ1 |
Spacer; Spacing Height:2"; Thread Size:6-32; Body Diameter:0.375"; Internal Thread Depth:0.375"; Leaded Process Compatible:Yes; MIL SPEC:NL-523W01-016; Pack Quantity:1 RoHS Compliant: Yes 高电继电器机械噪声免 HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY 高电继电器机械噪声免 HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY (JQ Relays) HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY
|
Panasonic, Corp. NAIS[Matsushita Electric Works(Nais)] NAIS[Nais(Matsushita Electric Works)] http://
|
QTM2000 |
0.5-6.5V; 25mA; It is a real module! For fluid level sensing, security sensing, moisture detection, switch replacement, distance gauging, material properties analysis, human presence detection, collision avoidance, transducer drivers The QTM2000 is a module which employs the QT9701B2 IC and its essential operation circuitry in a single 24 pin 0.6 DIP package
|
Quantum Research Group ltd QUANTUM[Quantum Research Group] N.A. Electronic Theatre Controls, Inc.
|
S1D-T3 S1D-T1 S1G-T3 S1A S1M-T3 S1A-T1 S1A-T3 S1B- |
MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000101 安培表面贴装玻璃钝化整流 MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 0.25 % Linearity, Item Number F38000201 安培表面贴装玻璃钝化整流 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Honeywell International, Inc. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
S560-6600-FU |
ELECTRICAL SPECIFICATIONS
|
Bel Fuse Inc.
|
S558-5500-67 |
ELECTRICAL SPECIFICATION
|
Bel Fuse Inc.
|
PD-L1520P-B |
ELECTRICAL SPECIFICATIONS
|
PowerDynamics, Inc
|
1N5748A 1N5740A 1N5741A 1N5742A 1N5743A 1N5744A 1N |
ELECTRICAL CHARACTERISTICS
|
New Jersey Semi-Conduct... New Jersey Semi-Conductor Products, Inc.
|