PART |
Description |
Maker |
ZHCS1006 ZHCS1006TA |
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ”SuperBAT?/a> SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ??uperBAT??/td>
| SOT-23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE SuperBAT SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE B>SuperBAT DIODE SCHOTTKY SOT-23 肖特基二极管采用SOT - 23 High Current Schottky Diode
|
Fairchild Semiconductor Zetex Semiconductors Zetex Semiconductor PLC
|
BAT54CW |
30V 0.2A Schottky Common Cathode Diode in a SOT-323 package SCHOTTKY DIODE 0.2 Amp
|
International Rectifier
|
BAT54STA |
DIODE SCHOTTKY DUAL SOT-23 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Zetex Semiconductor PLC
|
CMPSH-3 |
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
|
Rectron Semiconductor
|
FYV0203DSMTF |
Schottky Diode; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Fairchild Semiconductor, Corp.
|
BAT54SW |
SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Rectron Semiconductor
|
M37905M6C-XXXSP M37905M8C-XXXSP M37905M6C-XXXFP |
DIO, BAT54C, DUAL SHOTTKEY, COMMON CATHODE, SOT23 DIODE SCHOTTKY DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-23 3K/REEL DIODE SCHOTTKY DUAL-DUAL SERIES 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL
|
Mitsubishi Electric Corporation
|
BT138F BT138F-500 BT138F-500F BT138F-500G BT138F-6 |
DIODE ZENER TRIPLE ISOLATED 200mW 9.1Vz 20mA-Izt 0.02592 0.1uA-Ir 7 SOT-363 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 18Vz 0.05mA-Izt 0.05 0.05uA-Ir 13.6 SOT-363 3K/REEL DIODE ZENER TRIPLE BI-DIRECTIONAL 200mW 24Vz 0.05mA-Izt 0.05 0.05uA-Ir 18.2 SOT-363 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 27Vz 0.05mA-Izt 0.05 0.05uA-Ir 20.4 SOT-363 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOT-363 3K/REEL Octal Bus Transceivers with 3-State Outputs 20-LCCC -55 to 125 Triacs
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
376 |
DIODE SCHOTTKY DUAL-DUAL SERIES 30V 200mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-363 3K/REEL
|
Intel Corp.
|