Part Number Hot Search : 
MMBZ523 AN8130K N101C M1330 C4418 MAC08M 1001S STPS120H
Product Description
Full Text Search
  feet Datasheet PDF File

For feet Found Datasheets File :: 2530    Search Time::0.735ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1307032 ANPC-131 ANPC-128 ANPC-135

MA-Com
MACOM[Tyco Electronics]
Part No. 1307032 ANPC-131 ANPC-128 ANPC-135
OCR Text ...5) osx male conn 60.00 .50 (5 feet) (2.49) (2.78) (.84) (.62) (1.13) (.84) (.25) (.75) (.25) (.84) (.84) (1.00) (2.31) (.38) (.84) (.50) (.50) (1.94) (1.02) (.25) (.84) (.50) (.50) (.25) (.84) mountin g o p tions for quickmount micro gps...
Description Quck mount micro GPS patch antenna
QuickMount Micro GPS Patch Antennas
Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes

File Size 119.43K  /  2 Page

View it Online

Download Datasheet





    ADM5170 ADM5170AN ADM5170AP ADM5170JN ADM5170JP

AD[Analog Devices]
Part No. ADM5170 ADM5170AN ADM5170AP ADM5170JN ADM5170JP
OCR Text ...B/s to 100 kB/s). Cable Length (feet) = 100 X t (Max Length = 4000 ft.) where t is the transition time (in s) for the output to swing from 10% to 90% of its steady state values. The absolute maximum data rate is 100 kB/s and the maximum cab...
Description Octal Line Driver Suitable for Digital Communication Systems with Data Rates up to 116 kB/s
Octal, RS-232/RS-423 Line Driver

File Size 130.12K  /  6 Page

View it Online

Download Datasheet

    DS21552L DS21552LN DS21352 DS21352L DS21352LN

DALLAS[Dallas Semiconductor]
DALLAS[Dallas Semiconducotr]
Part No. DS21552L DS21552LN DS21352 DS21352L DS21352LN
OCR Text ...ally adjusts to T1 lines from 0 feet to over 6000 feet in length. The device can generate both DSX-1 line build outs as well as CSU line build-outs of -7.5dB, -15dB, and -22.5dB. The onboard jitter attenuator (selectable to either 32 bits o...
Description 3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers

File Size 1,015.62K  /  137 Page

View it Online

Download Datasheet

    MCM6205D MCM6205DJ15 MCM6205DJ15R2 MCM6205DJ20 MCM6205DJ20R2 MCM6205DJ25 MCM6205DJ25R2

MOTOROLA[Motorola, Inc]
Part No. MCM6205D MCM6205DJ15 MCM6205DJ15R2 MCM6205DJ20 MCM6205DJ20R2 MCM6205DJ25 MCM6205DJ25R2
OCR Text ...air flow of at least 500 linear feet per minute is maintained. Storage Temperature -- Plastic Tstg - 55 to + 125 C NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricte...
Description 32K x 9 Bit Fast Static RAM

File Size 143.36K  /  8 Page

View it Online

Download Datasheet

    MCM6206BB MCM6206BBEJ12 MCM6206BBEJ12R MCM6206BBEJ15 MCM6206BBEJ15R MCM6206BBEJ20 MCM6206BBEJ20R MCM6206BBEJ25 MCM6206BB

Motorola Mobility Holdings, Inc.
Motorola, Inc.
MOTOROLA[Motorola, Inc]
Part No. MCM6206BB MCM6206BBEJ12 MCM6206BBEJ12R MCM6206BBEJ15 MCM6206BBEJ15R MCM6206BBEJ20 MCM6206BBEJ20R MCM6206BBEJ25 MCM6206BBEJ25R
OCR Text ...air flow of at least 500 linear feet per minute is maintained. Storage Temperature--Plastic Tstg - 55 to + 125 C NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted ...
Description 32K x 8 Bit Fast Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28
32K x 8 Bit Fast Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28
32K x 8 Bit Fast Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28

File Size 108.39K  /  8 Page

View it Online

Download Datasheet

    MCM6206D MCM6206DJ12 MCM6206DJ12R2 MCM6206DJ15 MCM6206DJ15R2 MCM6206DJ20 MCM6206DJ20R2 MCM6206DJ25 MCM6206DJ25R2 MCM6206

Motorola, Inc.
MOTOROLA[Motorola, Inc]
Part No. MCM6206D MCM6206DJ12 MCM6206DJ12R2 MCM6206DJ15 MCM6206DJ15R2 MCM6206DJ20 MCM6206DJ20R2 MCM6206DJ25 MCM6206DJ25R2 MCM6206DP12 MCM6206DP15 MCM6206DP20 MCM6206DP25
OCR Text ...air flow of at least 500 linear feet per minute is maintained. Storage Temperature--Plastic Tstg - 55 to + 125 C NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted ...
Description 32K x 8 Bit Fast Static RAM

File Size 163.01K  /  8 Page

View it Online

Download Datasheet

For feet Found Datasheets File :: 2530    Search Time::0.735ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of feet

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.5593841075897