PART |
Description |
Maker |
SSC1118 |
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX1722 MAX1722EZK MAX1722EZK-T MAX1723 MAX1723EZK |
1.5uA IQ / Step-Up DC-DC Converters in Thin SOT23-5 " 1.5?A IQ, Step-Up DC-DC Converters in Thin SOT23-5" 1.5uA IQ Step-Up DC-DC Converters in Thin SOT23-5 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1 A SWITCHING REGULATOR, PDSO5 Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP 0 to 0 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5 1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX15014AATX |
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators 2.6 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, QCC36
|
Maxim Integrated Products, Inc.
|
LT3465ES6 LT3465AES6 LT3465 LT3465A |
1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT 0.34 A SWITCHING REGULATOR, 2800 kHz SWITCHING FREQ-MAX, PDSO6
|
HIROSE ELECTRIC Co., Ltd. Linear Technology Corporation LINER[Linear Technology]
|
SG6858DZ |
Low-Cost, Green-Mode PWM Controller for Flyback Converters SWITCHING CONTROLLER, 75 kHz SWITCHING FREQ-MAX, PDIP8
|
Fairchild Semiconductor, Corp.
|
MAX8581ETBT |
2.5MHz/1.5MHz Step-Down Converters with 60m Bypass in TDFN for CDMA PA Power 1.4 A SWITCHING REGULATOR, 2500 kHz SWITCHING FREQ-MAX, DSO10
|
Maxim Integrated Products, Inc.
|
LT1303CS8PBF LT1303-5-15 |
Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V 0.75 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8 Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
|
Linear Technology, Corp.
|
TK20P04M1 |
DC-DC Converters Switching Voltage Regulators
|
Toshiba Semiconductor
|
TPC8012-H |
Switching Regulator Application DC-DC Converters
|
Toshiba Semiconductor
|
LTC3539EDCBTRPBF LTC3539EDCB-2TRMPBF |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 2.6 A SWITCHING REGULATOR, 1300 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ADP2106ACPZ-1.5-R7 ADP2105ACPZ-1.8-R7 ADP2105ACPZ- |
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters 2.6 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, QCC16 1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters 1.8 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, QCC16 1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters 3.3 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, QCC16
|
Analog Devices, Inc.
|