PART |
Description |
Maker |
M20-9993605 |
2.54mm Pitch SIL Vertical Pin Header
|
Harwin
|
M20-7862042 M20-7862046 |
2.54mm PITCH SIL VERTICAL FEMALE SMT SKT ASSY DUAL ENTRY
|
Harwin Plc
|
M20-9770446 M20-9993746 M20-9993145 M20-9993045 M2 |
2.54mm Pitch SIL Vertical PC Tail Pin Header, 5.8mm mating pin height, tin, 4-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 37-way 37 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 31-way 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 30-way 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 32-way 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 5.8mm mating pin height, tin, 15-way 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 7mm mating pin height, gold (hi-temp mould), 12-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 7mm mating pin height, gold (hi-temp mould), 19-way 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 7mm mating pin height, tin, 19-way 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 27-way 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 16-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 20-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 3-way 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Vertical PC Tail Pin Header, 5.8mm mating pin height, tin, 12-way 2.54mm Pitch SIL Vertical PC Tail Pin Header, 7mm mating pin height, gold (hi-temp mould), 25-way
|
Harwin PLC HARWIN INC
|
M52-5000345 |
1.27mm Pitch SIL Vertical PC Tail Socket Assembly, 4.6mm height, gold, 3-way
|
HARWIN INC
|
0025021032 SDA-70204-0335 |
2.54mm (.100") Pitch C-Grid庐 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 32 Circuits, 0.76渭m (30渭") Gold (Au) Selective Plating 2.54mm (.100) Pitch C-Grid? Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 32 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
0025021008 25-02-1008 SDA-70204-0323 702040323 |
2.54mm (.100") Pitch C-Grid庐 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 8 Circuits, 0.76渭m (30渭") Gold (Au) Selective Plating 2.54mm (.100) Pitch C-Grid? Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 8 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
0025022014 SDA-70204-0390 25-02-2014 |
2.54mm (.100) Pitch C-Grid? Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 14 Circuits, Tn (Sn) Plating 2.54mm (.100") Pitch C-Grid垄莽 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 14 Circuits, Tn (Sn) Plating
|
Molex Electronics Ltd.
|
87982-3030 0879823030 |
2.00mm (.079) Pitch Milli-Grid?/a> Header, Through Hole, Vertical, Shrouded, Lead-free, 30 Circuits, 0.38μm (15μ) Gold (Au) Plating, Center Polarization Slot, without Cap 2.00mm (.079) Pitch Milli-Grid垄芒 Header, Through Hole, Vertical, Shrouded, Lead-free, 30 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Plating, Center Polarization Slot, w
|
Molex Electronics Ltd.
|
87831-1628 0878311628 |
2.00mm (.079) Pitch Milli-Grid Header, Vertical, Through Hole, Shrouded, Lead-free, 16 Circuits, 0.38μm (15μ) Gold (Au) Plating, Center Polarization Slot 2.00mm (.079) Pitch Milli-Grid垄芒 Header, Vertical, Through Hole, Shrouded, Lead-free, 16 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Plating, Center Polarization Slot
|
Molex Electronics Ltd.
|
M30-3011146 M30-3010346 |
1.25mm Pitch SIL Vertical SMT Blade Header, hold-down tabs, tin, 11-way 11 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SURFACE MOUNT 1.25mm Pitch SIL Vertical SMT Blade Header, hold-down tabs, tin, 3-way 3 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
25-02-1072 0025021072 |
2.54mm (.100) Pitch C-Grid Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 72 Circuits
|
Molex Electronics Ltd.
|
25-02-6036 70204-0273 |
2.54mm (.100) Pitch C-Grid Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 36 Circuits
|
Molex Electronics Ltd.
|
|