Part Number Hot Search : 
K4H56 RGP20A DC934A ASHEE CPC5603C AP160 47C203M 10XB20
Product Description
Full Text Search

26-48-1026 - Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 23 Ckt Tin 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 26482056 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 19 Ckt Tin 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 21 Ckt Gol 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Pin Header; Number of Contacts:24; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin Breakaway Header; No. of Contacts:10; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V RoHS Compliant: Yes

26-48-1026_4431434.PDF Datasheet

 
Part No. 26-48-1026 26-48-1236 26-48-2056 26-48-1196 26-48-2216 26-48-1046 26-48-2076 26-48-1246 26-48-1106
Description Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
KK 156 Header Assy FrLk Break 23 Ckt Tin 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
26482056 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
KK 156 Header Assy FrLk Break 19 Ckt Tin 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
KK 156 Header Assy FrLk Break 21 Ckt Gol 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
Pin Header; Number of Contacts:24; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin
Breakaway Header; No. of Contacts:10; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V RoHS Compliant: Yes

File Size 65.80K  /  1 Page  

Maker

Molex, Inc.
MOLEX INC



Homepage
Download [ ]
[ 26-48-1026 26-48-1236 26-48-2056 26-48-1196 26-48-2216 26-48-1046 26-48-2076 26-48-1246 26-48-1106 Datasheet PDF Downlaod from Datasheet.HK ]
[26-48-1026 26-48-1236 26-48-2056 26-48-1196 26-48-2216 26-48-1046 26-48-2076 26-48-1246 26-48-1106 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for 26-48-1026 ]

[ Price & Availability of 26-48-1026 by FindChips.com ]

 Full text search : Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 23 Ckt Tin 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 26482056 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 19 Ckt Tin 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 21 Ckt Gol 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Pin Header; Number of Contacts:24; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin Breakaway Header; No. of Contacts:10; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V RoHS Compliant: Yes


 Related Part Number
PART Description Maker
449-10-212 449-10-212-00-560000 Interconnect Header.100 Grid; Surface Mount Pin Header
Mill-Max Mfg. Corp.
829-22-010-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-013-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-012-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-004-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
0747121009 6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits, Long Tails, Without Packaging Header
Molex Electronics Ltd.
0554012019 2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, VerticalShrouded Header with Eject Levers, 20 Circuits, Lead-free
MOLEX Connector
Molex Electronics Ltd.
ZHR-3 ZHR-4 ZHR-6 ZHR-2 S2B-ZR S4B-ZR S3B-ZR B2B-Z CONNECTOR HOUSING 4 WAY
CONNECTOR HOUSING 6 WAY
HEADER SIDE ENTRY 2 WAY
HEADER SIDE ENTRY 4 WAY
HEADER SIDE ENTRY 3 WAY
HEADER TOP ENTRY 2 WAY
HEADER SIDE ENTRY 6 WAY
HEADER TOP ENTRY 3 WAY
HEADER TOP ENTRY 6 WAY
CONNECTOR HOUSING 2 WAY 连接器外2种方
CONNECTOR HOUSING 3 WAY 连接器外3未来
HEADER TOP ENTRY 4 WAY 头顶端插
Electronic Theatre Controls, Inc.
0554015019 2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, VerticalShrouded Header with Eject Levers, 50 Circuits, Side Mating Keys, Lead-free
MOLEX Connector
Molex Electronics Ltd.
810-22-003-40-001101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Surface Mount
Mill-Max Mfg. Corp.
810-22-010-40-001101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Surface Mount
Mill-Max Mfg. Corp.
 
 Related keyword From Full Text Search System
26-48-1026 Switch 26-48-1026 Download 26-48-1026 transient design 26-48-1026 System 26-48-1026 gaas
26-48-1026 技术资料下载 26-48-1026 Output 26-48-1026 Data 26-48-1026 maker 26-48-1026 Stmicroelectronic
 

 

Price & Availability of 26-48-1026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.25397205352783