PART |
Description |
Maker |
ISL55110IRZ-T ISL55110-11 |
Dual, High Speed MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 3.5 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
MTA011 |
Power ICs / Solenoid/Motor Drivers (MTA,MTB Series) High Output Interface Driver ICs
|
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
LT1910IS8TR LT1910IS8TRPBF LT1910ES8TR |
BUF OR INV BASED MOSFET DRIVER, PDSO8 Protected High Side MOSFET Driver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
FDG901 FDG901D FDG901DNL |
20 AMP MINIATURE POWER RELAY BUF OR INV BASED MOSFET DRIVER, PDSO5 Slew Rate Control Driver IC for P-Channel MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
EDI8F32259C EDI8F32259C-MM EDI8F32259C-MN EDI8G322 |
256Kx32 Static RAM CMOS, High Speed Module(256Kx8 CMOS高速静态RAM模块) High Speed, Single Channel, Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SRAM模块
|
White Electronic Designs Corporation
|
DRF1203 |
RF Hybrid with driver MOSFET; P(out) (W): 650; fO (MHz): 30; VDD (V): 15; BVDSS (V): 1000; RqJC (ºC/Watt): 0.14; Case Style: T2B; COO: D-E 8 A BUF OR INV BASED MOSFET DRIVER, DMA10
|
Microsemi, Corp.
|
MMFT2955E MMFT2955E-D MMFT2955ET1 MMFT2955ET1G MMF |
Power MOSFET 1 Amp, 60 Volts P-Channel(1A锛?0V锛?娌??澧?己?????OS?烘?搴??) Power MOSFET 1 Amp, 60 Volts P-Channel(1A60V,P沟道增强型功率MOS场效应管) Power MOSFET 1 Amp, 60 Volts P-Channel SOT-223
|
ON Semiconductor
|
ISL6605 ISL6605EVAL1 |
MOSFET Driver, Dual, Synchronous Half-Bridge Switch, use with Multiphase Controller, 4 Amp Sink, VBOOT 0.3-7V; synchronous rectified MOSFET driver. For core voltage supplies for Intel and AMD microprocessors
|
Intersil
|
ISL6540ACRZA-T |
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 4 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
NTHD3100C NTHD3100CT1 NTHD3100CT1G NTHD3100CT3 NTH |
Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™ Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™; Package: ChipFET™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 3000 2.9 A, 20 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET Power MOSFET 20V, 3.9A/4.4A, Complementary ChipFET(20V, 3.9A/4.4A功率MOSFET) Power MOSFET 20 V, 3.9 A /−4.4 A, Complementary ChipFET
|
ON Semiconductor
|